Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9665 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9665
Description  4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9665 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9665 Datasheet HTML 4Page - Analog Devices AD9665 Datasheet HTML 5Page - Analog Devices AD9665 Datasheet HTML 6Page - Analog Devices AD9665 Datasheet HTML 7Page - Analog Devices AD9665 Datasheet HTML 8Page - Analog Devices AD9665 Datasheet HTML 9Page - Analog Devices AD9665 Datasheet HTML 10Page - Analog Devices AD9665 Datasheet HTML 11Page - Analog Devices AD9665 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD9665
Rev. E | Page 7 of 16
TEMPERATURE (°C)
100
–40
–20
0
20
40
60
80
30
60
55
50
45
40
35
READ
WRITE 3
WRITE 2
WRITE 1
AADJ = 5.76kΩ
FADJ = 6.81kΩ
Figure 9. Oscillator Amplitude vs. Temperature
INPUT CURRENT (mA)
1250
0
250
500
750
1000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDD = 5V
VOUT = 2.5V
TEMPERATURE = 25
°C
READ
TOTAL IOUT
WRITE 1
WRITE 2
WRITE 3
Figure 10. Output Current vs. Input Current for Each Channel, VOUT = 2.5 V
1000
0
0
2.0
INPUT CURRENT FOR EACH CHANNEL (mA)
800
600
400
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 5V
TEMPERATURE = 25
°C
IIN = IIN_RD = IIN_WR1 = IIN_WR2 = IIN_WR3
VOUT = 3V
VOUT = 3.5V
VOUT = 2.5V
VOUT = 2V
Figure 11. Total IOUT vs. IIN
TEMPERATURE (°C)
100
–40
0
–20
20
40
60
80
300
330
320
325
315
310
305
AADJ = 5.76kΩ
FADJ = 6.81kΩ
Figure 12. Oscillator Frequency vs. Temperature
INPUT CURRENT (mA)
1250
0
250
500
750
1000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDD = 5V
VOUT = 3.5V
TEMPERATURE = 25
°C
READ
TOTAL IOUT
WRITE 1
WRITE 2
WRITE 3
Figure 13. Output Current vs. Input Current for Each Channel, VOUT = 3.5 V
AD9665
READ
200
4.32k
VIN_RD
WR1
200
4.32k
VIN_WR1
WR2
200
4.32k
VIN_WR2
WR3
200
4.32k
VIN_WR3
W1_P
+5V
RT
100
W1_N
RT
100
RT
100
W2_P
W2_N
W3_P
W3_N
WR3 ENABLE
WR2 ENABLE
WR1 ENABLE
RD ENABLE
IOUT_1
LD_1
RL
3.4
RS
46.4
50
RTERM
50
SCOPE
IOUT_2
LD_2
RL
3.4
RS
46.4
50
RTERM
50
SCOPE
INS
+5V
OUTSEL
Figure 14. Electrical LVDS Pulse Response Schematic


Similar Part No. - AD9665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
256Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
183Kb / 12P
   200 MHz Laser Diode Driver with Light Power Control
REV. 0
More results

Similar Description - AD9665

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9664 AD-AD9664 Datasheet
89Kb / 2P
   4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
Rev. SpA
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
   Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Intersil Corporation
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
   Dual 4-Channel Laser Diode Driver Oscillator
EL6835 INTERSIL-EL6835 Datasheet
107Kb / 2P
   Dual 4-Channel Driver with Oscillator & LVDS
EL6834 INTERSIL-EL6834 Datasheet
106Kb / 2P
   Dual 4-Channel Driver with Oscillator & LVDS
EL6833 INTERSIL-EL6833 Datasheet
97Kb / 2P
   Dual 4-Channel Driver with Oscillator & LVDS
logo
Elantec Semiconductor
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
   4-Channel Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
   4-Channel Laser Diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com