Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C512N90 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NM27C512N90
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C512N90 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NM27C512N90 Datasheet HTML 1Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 2Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 3Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 4Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 5Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 6Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 7Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 8Page - Fairchild Semiconductor NM27C512N90 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
Connection Diagrams
Compatible EPROM pin configurations are shown in the blocks adjacement to the NM27C512 pins.
Commercial Temp Range (0
°C to +70°C)
Parameter/Order Number
Access Time (ns)
NM27C512 Q, N, V 90
90
NM27C512 Q, N, V 120
120
NM27C512 Q, N, V 150
150
Industrial Temp Range (-40
°C to +85°C)
Parameter/Order Number
Access Time (ns)
NM27C512 QE, NE, VE 120
120
NM27C512 QE, NE, VE 150
150
Q = Quartz-Windowed Ceramic DIP Package
N = Plastic DIP Package
V = PLCC Package
• All packages conform to the JEDEC standard.
• All versions are guaranteed to function for slower speeds.
Pin Names
A0–A15
Addresses
CE/PGM
Chip Enable/Program
OE
Output Enable
O0–O7
Outputs
NC
Don’t Care (During Read)
PLCC
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE/PGM
O7
O6
O5
O4
O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
XX/PGM
XX
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VCC
XX/PGM
A17
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
27C256
27C010
27C020
27C040
27C080
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A18
A17
A14
A13
A8
A9
A11
OE/
VPP
A10
CE/PGM
O7
O6
O5
O4
O3
27C080
27C040
27C020
27C010
27C256
A19
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
XX/
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
XX/
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
XX/
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
DIP
NM27C512
A8
A9
A11
NC
OE/VPP
A10
CE/PGM
O7
O8
A6
A5
A4
A3
A2
A1
A0
NC
O0
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
14 15 16 17 18 19 20
4
3
2
1 32 31 30
DS010834-2
DS010834-3


Similar Part No. - NM27C512N90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512N90 NSC-NM27C512N90 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C512N90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com