Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NM34W02 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NM34W02
Description  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 2 page
background image
2
www.fairchildsemi.com
NM34W02 Rev. C.2
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NM34W02
DS500078-2
SO (M8) and TSSOP (MT8) Package
Connection Diagram
Top View
See Package Number
M08A and MTC08
Pin Names
A0,A1,A2
Device Address Inputs
V
SS
Ground
SDA
Data I/O
SCL
Clock Input
WP
Write Protect
V
CC
Power Supply
Ordering Information
NM
34
W
02
LZ
E
XX
Letter
Description
Package
M8
8-Pin SO8
MT8
8-Pin TSSOP
Temp. Range
None
0 to 70
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 4.5V
LZ
2.7V to 4.5V and
<1
µA Standby Current
Density
02
2K
W
Full Array Write Protect
Interface
34
IIC
NM
Fairchild Non-Volatile
Memory




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM34W02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM24C256256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C6564K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
FM24C02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM 1 2 3 4 5 MoreFairchild Semiconductor
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
FM93CS06 MICROWIRE™ Bus Interface 256-Bit Serial EEPROM with Data Protect and Sequential Read 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl