Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NM34W02 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NM34W02
Description  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 6 page
background image
6
www.fairchildsemi.com
NM34W02 Rev. C.2
Device
Address Pins
Memory Size
Number of
A0
A1
A2
Page Blocks
NM34W02
ADR
ADR
ADR
2048 Bits
1
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out of the
device. It is an open drain output and may be wire–ORed with any
number of open drain or open collector outputs.
Device Operation Inputs (A0, A1, A2)
Device address pins A0, A1, and A2 are connected to VCC or VSS
to configure the EEPROM chip address. Table A shows the active
pins across the NM34W02 device family.
Table 1.
Device
A0
A1
A2
Effects of Addresses
NM34W02
ADR
ADR
ADR
8 devices max.
Device Operation
The NM34W02 supports a bidirectional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter and the receiving device as the receiver. The device
controlling the transfer is the master and the device that is
controlled is the slave. The master will always initiate data
transfers and provide the clock for both transmit and receive
operations. Therefore, the NM34W02 will be considered a slave
in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH are reserved for indicating
start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The NM34W02
continuously monitors the SDA and SCL lines for the start condi-
tion and will not respond to any command until this condition has
been met.
Stop Condition
All communications are terminated by a stop condition, which is a
LOW to HIGH transition of SDA when SCL is HIGH. The stop
condition is also used by the NM34W02 to place the device in the
standby power mode.
ACKNOWLEDGE
Acknowledge is a software convention used to indicate successful
data transfers. The transmitting device, either master or slave, will
release the bus after transmitting eight bits.
During the ninth clock cycle the receiver will pull the SDA line to
LOW to acknowledge that it received the eight bits of data. Refer
to
Figure 3.
The NM34W02 device will always respond with an acknowledge
after recognition of a start condition and its slave address. If both
the device and a write operation have been selected, the NM34W02
will respond with an acknowledge after the receipt of each
subsequent eight bit byte.
In the Read mode the NM34W02 slave will transmit eight bits of
data, release the SDA line and monitor the line for an acknowl-
edge. If an acknowledge is detected and no stop condition is
generated by the master, the slave will continue to transmit data.
If an acknowledge is not detected, the slave will terminate further
data transmissions and await the stop condition to return to the
standby power mode.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FM34W02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM24C256256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C6564K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
FM24C02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM 1 2 3 4 5 MoreFairchild Semiconductor
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
FM93CS06 MICROWIRE™ Bus Interface 256-Bit Serial EEPROM with Data Protect and Sequential Read 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl