Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM34W02 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NM34W02
Description  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM34W02 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NM34W02 Datasheet HTML 1Page - Fairchild Semiconductor NM34W02 Datasheet HTML 2Page - Fairchild Semiconductor NM34W02 Datasheet HTML 3Page - Fairchild Semiconductor NM34W02 Datasheet HTML 4Page - Fairchild Semiconductor NM34W02 Datasheet HTML 5Page - Fairchild Semiconductor NM34W02 Datasheet HTML 6Page - Fairchild Semiconductor NM34W02 Datasheet HTML 7Page - Fairchild Semiconductor NM34W02 Datasheet HTML 8Page - Fairchild Semiconductor NM34W02 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
NM34W02 Rev. C.2
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
6.5V to –0.3V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000V min.
Operating Conditions
Ambient Operating Temperature
NM34W02
0
°C to +70°C
NM34W02E
-40
°C to +85°C
Positive Power Supply
NM34W02
4.5V to 5.5V
NM34W02L
2.7V to 4.5V
NM34W02LZ
2.7V to 4.5V
Standard V
CC (4.5V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
ICCA
Active Power Supply Current
fSCL = 100 kHz
0.2
1.0
mA
I
SB
Standby Current
V
IN = GND or VCC
10
50
µA
ILI
Input Leakage Current
VIN = GND to VCC
0.1
1
µA
I
LO
Output Leakage Current
V
OUT = GND to VCC
0.1
1
µA
VIL
Input Low Voltage
–0.3
VCC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 3 mA
0.4
V
Low V
CC (2.7V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 100 kHz
0.2
1.0
mA
ISB
Standby Current for L
VIN = GND or VCC
110
µA
Standby Current for LZ
V
IN = GND or VCC
0.1
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
0.1
1
µA
I
LO
Output Leakage Current
V
OUT = GND to VCC
0.1
1
µA
VIL
Input Low Voltage
–0.3
VCC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 3 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2)
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
C
IN
Input Capacitance (A0, A1, A2, SCL)
V
IN = 0V
6
pF
Note 1: Typical values are TA = 25°C and nominal supply voltage (5V).
Note 2: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM34W02

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NM3484KSLAXA7 NANYA-NM3484KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA7-3D NANYA-NM3484KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
NM3484KSLAXA73DNA NANYA-NM3484KSLAXA73DNA Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7 NANYA-NM3488KSLAXA7 Datasheet
5Mb / 85P
   MCP Specification
NM3488KSLAXA7-3D NANYA-NM3488KSLAXA7-3D Datasheet
5Mb / 85P
   MCP Specification
More results

Similar Description - NM34W02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com