Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD713JRZ-16-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD713JRZ-16-REEL
Description  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713JRZ-16-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD713JRZ-16-REEL Datasheet HTML 4Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 5Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 6Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 7Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 8Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 9Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 10Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 11Page - Analog Devices AD713JRZ-16-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD713
Rev. F | Page 8 of 20
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
VCM = 1V p-p
TA = 25°C
Figure 15. Common-Mode Rejection vs. Frequency
30
25
20
15
10
5
0
100k
10M
1M
INPUT FREQUENCY (Hz)
RL = 2kΩ
TA = 25°C
VS = ±15V
Figure 16. Large Signal Frequency Response
10
8
6
4
2
0
–2
–4
–6
–8
–10
0.5
1.0
0.7
0.8
0.9
0.6
SETTLING TIME (µs)
ERROR
0.1%
1% 0.1%
0.01%
1%
0.01%
Figure 17. Output Swing and Error vs. Settling Time
70
80
90
100
110
120
130
100
1k
10k
100k
FREQUENCY (Hz)
3V RMS
RL = 2kΩ
CL = 100pF
Figure 18. Total Harmonic Distortion vs. Frequency
1k
100
10
1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 19. Input Noise Voltage Spectral Density
25
20
15
10
5
0
0300
200
100
500
400
600
700
800
900
INPUT ERROR SIGNAL (mV)
(AT SUMMING JUNCTION)
Figure 20. Slew Rate vs. Input Error Signal


Similar Part No. - AD713JRZ-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713JRZ-16-REEL AD-AD713JRZ-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16-REEL AD-AD713JRZ-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16-REEL AD-AD713JRZ-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16-REEL AD-AD713JRZ-16-REEL Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713JRZ-16-REEL7 AD-AD713JRZ-16-REEL7 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
More results

Similar Description - AD713JRZ-16-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com