Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD812ANZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD812ANZ
Description  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812ANZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD812ANZ Datasheet HTML 5Page - Analog Devices AD812ANZ Datasheet HTML 6Page - Analog Devices AD812ANZ Datasheet HTML 7Page - Analog Devices AD812ANZ Datasheet HTML 8Page - Analog Devices AD812ANZ Datasheet HTML 9Page - Analog Devices AD812ANZ Datasheet HTML 10Page - Analog Devices AD812ANZ Datasheet HTML 11Page - Analog Devices AD812ANZ Datasheet HTML 12Page - Analog Devices AD812ANZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD812
–9–
REV. B
1400
0
10
600
200
1
400
0
1200
800
1000
9
8
7
6
5
4
3
2
OUTPUT STEP SIZE – Vp-p
VS = 15V
RL = 500
G = +1
G = +2
G = +10
G = –1
Figure 22. Slew Rate vs. Output Step Size
10
100
0%
2V
50ns
2V
VIN
VOUT
90
Figure 23. Large Signal Pulse Response, Gain = +1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
–1
–6
10
100
–2
–3
–4
–5
0
1
1
FREQUENCY – MHz
1000
0
–90
–180
–270
5V
5V
G = +1
RL = 150
5V
3V
PHASE
GAIN
VS = 15V
5V
VS = 15V
3V
Figure 24. Closed-Loop Gain and Phase vs. Frequency,
G = +1
1400
0
15.0
600
200
1.5
400
0
1200
800
1000
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3.0
SUPPLY VOLTAGE –
Volts
G = +2
G = +10
G = –1
G = +1
Figure 25. Maximum Slew Rate vs. Supply Voltage
10
90
100
0%
500mV
20ns
VIN
VOUT
500mV
Figure 26. Small Signal Pulse Response, Gain = +1,
(RF = 750
Ω, R
L = 150
Ω, V
S =
±5 V)
200
0
20
60
20
2
40
0
120
80
100
140
160
180
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
G = +1
RL = 150
PEAKING
1dB
PEAKING
0.2dB
RF = 750
RF = 866
Figure 27. –3 dB Bandwidth vs. Supply Voltage, G = +1


Similar Part No. - AD812ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812AN AD-AD812AN Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AN AD-AD812AN Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results

Similar Description - AD812ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com