Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFAF60UA60DN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFAF60UA60DN
Description  60 A, 600 V, Ultrafast ll Dual Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF60UA60DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFAF60UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFAF60UA60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
November 2009
©2009 Fairchild Semiconductor Corporation
FFAF60UA60DN Rev. A
www.fairchildsemi.com
1
FFAF60UA60DN
Features
• Ultrafast
Recovery, Trr < 90 ns (@ IF = 30 A)
Max Forward Voltage, VF = 2.2 V (@ TC = 25°C)
600V Reverse Voltage and High Reliability
Avalanche Energy Rated
• RoHS Compliant
Applications
• Boost Diode in PFC and Switching Mode Power Supply
• Welding, UPS and
Motor Control Application
60 A, 600 V, Ultrafast ll Dual Diode
The FFAF60UA60DN is an ultrafast ll dual diode with low forward
voltage drop and rugged UIS capability. This device is intended for
use as freewheeling and clamping diodes in a variety of switching
power supplies and other power switching applications. It is specially
suited for use in switching power supplies and industrial applicationa
as welder and UPS application.
Absolute Maximum Ratings Per leg at T
C=25
oC unless otherwise noted
Thermal Characteristics Per leg at T
C=25
oC unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Rating
Unit
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 45
oC
30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
180
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Rating
Unit
RθJC
Maximum Thermal Resistance, Junction to Case
2.4
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F60UA60DN
FFAF60UA60DN
TO3PF
-
-
30
Pin Assignments
1. Anode 2. Cathode 3. Anode
1
2
3


Similar Part No. - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFAF60UA60DN THINKISEMI-FFAF60UA60DN Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
FFAF60UA60DN ISC-FFAF60UA60DN Datasheet
258Kb / 2P
   Ultra fast Rectifier
logo
Thinki Semiconductor Co...
FFAF60UA60DNTU THINKISEMI-FFAF60UA60DNTU Datasheet
3Mb / 4P
   60Ampere,600Volt Insulated Package Planar Passivation Ultra Fast Recovery Rectifiers
More results

Similar Description - FFAF60UA60DN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
   30 A, 600 V, Ultrafast ll Diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2022
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
   600 V, 60 A ultrafast high voltage rectifier
DS12515 - Rev 3 - March 2020
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
   Automotive 600 V, 60 A ultrafast bridge module
September 2020 Rev 1
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com