Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS8025S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMS8025S
Description  N-Channel PowerTrench짰 SyncFETTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS8025S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMS8025S Datasheet HTML 1Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 2Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 3Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 4Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 5Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 6Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 7Page - Fairchild Semiconductor FDMS8025S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.fairchildsemi.com
5
©2010 Fairchild Semiconductor Corporation
FDMS8025S Rev.C1
Figure 13.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.0001
0.001
0.01
0.1
1
SINGLE PULSE
RθJA = 125
o
C/W
(Note 1b)
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDMS8025S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
logo
List of Unclassifed Man...
FDMS8026S ETC2-FDMS8026S Datasheet
294Kb / 8P
   Advanced package and Silicon combination for low rDS(on) and high efficiency
logo
Fairchild Semiconductor
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
More results

Similar Description - FDMS8025S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8026S FAIRCHILD-FDMC8026S Datasheet
386Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS8558S FAIRCHILD-FDMS8558S Datasheet
310Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS0312S FAIRCHILD-FDMS0312S Datasheet
275Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS0312AS FAIRCHILD-FDMS0312AS Datasheet
297Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS0308CS FAIRCHILD-FDMS0308CS Datasheet
204Kb / 8P
   FDMS0308CS N-Channel PowerTrench짰 SyncFETTM 30 V, 42 A, 3 m
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS8570S FAIRCHILD-FDMS8570S Datasheet
305Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 60 A, 2.8 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com