Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857B-7-F Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC857B-7-F
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857B-7-F Datasheet(HTML) 5 Page - Diodes Incorporated

  BC857B-7-F Datasheet HTML 1Page - Diodes Incorporated BC857B-7-F Datasheet HTML 2Page - Diodes Incorporated BC857B-7-F Datasheet HTML 3Page - Diodes Incorporated BC857B-7-F Datasheet HTML 4Page - Diodes Incorporated BC857B-7-F Datasheet HTML 5Page - Diodes Incorporated BC857B-7-F Datasheet HTML 6Page - Diodes Incorporated BC857B-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC856A – BC858C
Document Number: DS112072 Rev. 22 - 2
5 of 7
www.diodes.com
Feb. 2013
© Diodes Incorporated
BC856A-BC858C
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1
10
100
1,000
1
10
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Figure 1 Typical DC Current Gain vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
1
0.1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Figure 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B
= 10
10
100
1,000
1
10
100
I , COLLECTOR CURRENT (mA)
Figure 3 Gain-Bandwidth Product vs Collector Current
C
V
= 5V
CE


Similar Part No. - BC857B-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857B-7 DIODES-BC857B-7 Datasheet
44Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC857B-7-F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com