Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0530 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL0530
Description  High Speed Transistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0530 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL0530 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0530 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
HCLP0XXX Rev. 1.0.3
tm
May 2006
HCPL0452, HCPL0453, HCPL0500, HCPL0501,
HCPL0530, HCPL0531, HCPL0534
High Speed Transistor Optocouplers
Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501
Dual Channel: HCPL0530 HCPL0531 HCPL0534
Features
■ High speed – 1 MBit/s
■ 15kV/µs minimum common mode transient immunity at
VCM = 1500V (HCPL0453/0534)
■ Open collector output
■ Guaranteed performance over temperature: 0°C to 70°C
■ U.L. recognized (File # E90700)
■ VDE0884 recognized (file#136616)
– approval pending for HCPL0530/0531/0453
– ordering option V, e.g., HCPL0500V
■ BSI recognized (file# 8661, 8662)
– HCPL0452/0500/0501 only
Applications
■ Line receivers
■ Pulse transformer replacement
■ Output interface to CMOS-LSTTL-TTL
■ Wide bandwidth analog coupling
Description
The HCPL05XX, and HCPL04XX optocouplers consist of an
AlGaAs LED optically coupled to a high speed photodetector
transistor housed in a compact 8-pin small outline package.
A separate connection for the bias of the photodiode improves
the speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base-collector
capacitance of the input transistor. The HCPL04XX devices do
not have the base bonded out to a lead for additional noise mar-
gin. The HCPL053X devices have two channels per package for
optimum mounting density.
Truth Table
(positive Logic)
Package Dimensions
LED
VO
ON
LOW
OFF
HIGH
NOTE
All dimensions are in inches (millimeters)
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
*
N/C
N/C
HCPL0500, HCPL0501
*BASE NOT CONNECTED
FOR HCPL0452, HCPL0453
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL0530/HCPL0531/HCPL0534


Similar Part No. - HCPL0530

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0530 FAIRCHILD-HCPL0530 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0530 FAIRCHILD-HCPL0530 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0530 FAIRCHILD-HCPL0530 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0530 FAIRCHILD-HCPL0530 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Similar Description - HCPL0530

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com