Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGS23N60UFDTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SGS23N60UFDTU
Description  High speed switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGS23N60UFDTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SGS23N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor SGS23N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
SGS23N60UFD Rev. A
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
24A
12A
I
C = 6A
Gate - Emitter Voltage, V
GE [V]
0.5
1
10
0
10
20
30
40
50
Common Emitter
V
GE = 15V
T
C =
25℃
T
C = 125
Collector - Emitter Voltage, V
CE [V]
02468
0
20
40
60
80
100
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
Fig 1. Typical Output Chacracteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
0
4
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
24A
12A
I
C = 6A
Gate - Emitter Voltage, V
GE [V]
030
60
90
120
150
0
1
2
3
4
24A
12A
I
C = 6A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
0
3
6
9
12
15
18
0.1
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 16W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]


Similar Part No. - SGS23N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGS23N60UFD FAIRCHILD-SGS23N60UFD Datasheet
594Kb / 8P
   Ultra-Fast IGBT
More results

Similar Description - SGS23N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com