Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD0710 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD0710
Description  High CMR, 25Mbit/sec Logic Gate Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0710 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD0710 Datasheet HTML 4Page - Fairchild Semiconductor FOD0710 Datasheet HTML 5Page - Fairchild Semiconductor FOD0710 Datasheet HTML 6Page - Fairchild Semiconductor FOD0710 Datasheet HTML 7Page - Fairchild Semiconductor FOD0710 Datasheet HTML 8Page - Fairchild Semiconductor FOD0710 Datasheet HTML 9Page - Fairchild Semiconductor FOD0710 Datasheet HTML 10Page - Fairchild Semiconductor FOD0710 Datasheet HTML 11Page - Fairchild Semiconductor FOD0710 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD0721, FOD0720, FOD0710 Rev. 1.0.9
10
Carrier Tape Specification
Note:
All dimensions are in millimeters.
Reflow Profile
4.0
± 0.10
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
5.5
± 0.05
12.0
± 0.3
8.0
± 0.10
0.30 MAX
8.3
± 0.10
3.50
± 0.20
0.1 MAX
6.40
± 0.20
5.20
± 0.20
Ø1.5
± 0.1/-0
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
Temperature
(
°C)
Time (s)
0
60
180
120
270
260
°C
>245
°C = 42 Sec
Time above
183
°C = 90 Sec
360
1.822
°C/Sec Ramp up rate
33 Sec


Similar Part No. - FOD0710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0710 FAIRCHILD-FOD0710 Datasheet
267Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
More results

Similar Description - FOD0710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0721 FAIRCHILD-FOD0721 Datasheet
267Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2411-300E AVAGO-HCPL-2411-300E Datasheet
2Mb / 6P
   20 m baud high cmr logic gate optocoupler
logo
Skyworks Solutions Inc.
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
   Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com