Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM121F Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FODM121F
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM121F Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FODM121F Datasheet HTML 1Page - Fairchild Semiconductor FODM121F Datasheet HTML 2Page - Fairchild Semiconductor FODM121F Datasheet HTML 3Page - Fairchild Semiconductor FODM121F Datasheet HTML 4Page - Fairchild Semiconductor FODM121F Datasheet HTML 5Page - Fairchild Semiconductor FODM121F Datasheet HTML 6Page - Fairchild Semiconductor FODM121F Datasheet HTML 7Page - Fairchild Semiconductor FODM121F Datasheet HTML 8Page - Fairchild Semiconductor FODM121F Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FODMX Rev. 1.0.7
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Electrical Characteristics (TA = 25°C)
Individual Component Characteristics
Symbol
Parameter
Value
Units
TOTAL PACKAGE
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +110
°C
EMITTER
IF (avg)
Continuous Forward Current
50
mA
IF (pk)
Peak Forward Current (1µs pulse, 300 pps.)
1
A
VR
Reverse Input Voltage
6
V
PD
Power Dissipation
70
mW
Derate linearly (above 25°C)
0.65
mW/°C
DETECTOR
Continuous Collector Current
80
mA
PD
Power Dissipation
150
mW
Derate linearly (above 25°C)
2.0
mW/°C
VCEO
Collector-Emitter Voltage
FODM2701 Series, FODM2705
40
V
FODM121 Series, FODM124
80
VECO
Emitter-Collector Voltage
7
V
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Forward Voltage
IF = 10mA
FODM121 Series
FODM124
1.0
1.3
V
IF = 5mA
FODM2701 Series
1.4
IF = ±5mA
FODM2705
IR
Reverse Current
VR = 5V
FODM2701 Series
5
µA
FODM121 Series
FODM124
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 1mA, IF = 0
FODM121 Series
FODM124
80
V
FODM2701 Series
FODM2705
40
BVECO
Emitter to Collector
IE = 100µA, IF = 0
All
7
V
ICEO
Collector Dark
Current
VCE = 40V, IF = 0
All
100
nA
CCE
Capacitance
VCE = 0V, f = 1MHz
All
10
pF


Similar Part No. - FODM121F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121F FAIRCHILD-FODM121F Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM121F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com