Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C17UFN Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NM24C17UFN
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C17UFN Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NM24C17UFN Datasheet HTML 5Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 6Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 7Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 8Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 9Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 10Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 11Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 12Page - Fairchild Semiconductor NM24C17UFN Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
Write Operations
BYTE WRITE
For a write operation a second address field is required which is
a word address that is comprised of eight bits and provides access
to any one of the 256 bytes in the selected page of memory. Upon
receipt of the byte address the NM24C16U/17U responds with an
acknowledge and waits for the next eight bits of data, again,
responding with an acknowledge. The master then terminates the
transfer by generating a stop condition, at which time the
NM24C16U/17U begins the internal write cycle to the nonvolatile
memory. While the internal write cycle is in progress the
NM24C16U/17U inputs are disabled, and the device will not
respond to any requests from the master. Refer to
Figure 6 for the
address, acknowledge and data transfer sequence.
PAGE WRITE
The NM24C16U/17U is capable of a sixteen byte page write
operation. It is initiated in the same manner as the byte write
operation; but instead of terminating the write cycle after the first
data byte is transferred, the master can transmit up to fifteen more
bytes. After the receipt of each byte, the NM24C16U/17U will
respond with an acknowledge.
After the receipt of each byte, the internal address counter
increments to the next address and the next SDA data is accepted.
If the master should transmit more than sixteen bytes prior to
generating the stop condition, the address counter will "roll over"
and the previously written data will be overwritten. As with the byte
write operation, all inputs are disabled until completion of the
internal write cycle. Refer to
Figure 7 for the address, acknowl-
edge, and data transfer sequence.
S
T
O
P
Bus Activity:
Master
SDA Line
Bus Activity:
NM24C16U/17U
DATA n + 15
DATA n + 1
DATA n
WORD ADDRESS (n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
A
C
K
DATA
A
C
K
A
C
K
S
T
A
R
T
WORD
ADDRESS
SLAVE
ADDRESS
Bus Activity:
Master
SDA Line
Bus Activity:
NM24C16U/17U
DS800010-15
DS800010-16
Acknowledge Polling
Once the stop condition is issued to indicate the end of the host’s
write operation the NM24C16U/17U initiates the internal write
cycle. ACK polling can be initiated immediately. This involves
issuing the start condition followed by the slave address for a write
operation. If the NM24C16U/17U is still busy with the write
operation no ACK will be returned. If the NM24C16U/17U has
completed the write operation an ACK will be returned and the
host can then proceed with the next read or write operation.
Write Protection (NM24C17U Only)
Programming of the upper half of the memory will not take place
if the WP pin of the NM24C17U is connected to VCC. The
NM24C17U will accept slave and byte addresses; but if the
memory accessed is write protected by the WP pin, the NM24C17U
will not generate an acknowledge after the first byte of data has
been received, and thus the program cycle will not be started when
the stop condition is asserted.
Byte Write (Figure 6)
Page Write (Figure 7)


Similar Part No. - NM24C17UFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C17 FAIRCHILD-NM24C17 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

Similar Description - NM24C17UFN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com