Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-912066-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 8-912066-8
Description  RITS CONN & MEMORY BOARD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-912066-8 Datasheet(HTML) 4 Page - Tyco Electronics

  8-912066-8 Datasheet HTML 1Page - Tyco Electronics 8-912066-8 Datasheet HTML 2Page - Tyco Electronics 8-912066-8 Datasheet HTML 3Page - Tyco Electronics 8-912066-8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
107-68879
5. PACKING METHOD 包装方法
5.8. Set up a carton.and secure bottom flaps with tape.
折叠好一个外箱,并用胶带封好箱底。
5.9. Wrap one inner box with two pieces of air cap & place into carton.
用二块气泡垫将一个内盒十字交叉地裹住后并放入外箱中。
方法:如图4、图5所示,先用一块气泡垫(8-912066-8)在长方向将内盒包裹一圈,再用一块气泡垫(8-912066-8)在
宽方向包裹一圈,然后放入外箱中,并在长方向的侧边各放一块对折好的气泡垫(110455-2)以填充箱中空隙。
图 4(用二块气泡垫将一个内盒十字交叉地裹住)
图 5(在长方向的侧边各放一块对折好的气泡垫以填充箱中空隙)
5.10. Repeat 5.9. once and place two pieces of bubble pack to fill the void of box.
如图6所示,重复步骤5.9.一次,然后在宽方向各放一块气泡垫(110455-2)以填充箱中空隙。
图 6(在宽方向各放一块气泡垫以填充箱中空隙)
5.11. Seal the box with tape. And place product identification label in "product id" marked on box.
用胶带封箱,在箱外印有
“PRODUCT ID”标识处贴上外标签。
Rev E
QR-ME-030C Confidential
4 of 4


Similar Part No. - 8-912066-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-917541-2 MACOM-8-917541-2 Datasheet
209Kb / 2P
   4 POS SINGLE ROW HORIZONTAL HDR ASSY
8-917541-2 MACOM-8-917541-2 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
8-917542-2 MACOM-8-917542-2 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
8-917797-0 MACOM-8-917797-0 Datasheet
475Kb / 3P
   ON TAPING (EMBOSS) 0.5mm PITCH Fine Mate CONN.
More results

Similar Description - 8-912066-8

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0676000004 MOLEX11-0676000004 Datasheet
183Kb / 2P
   SD MEMORY CARD CONN. ASSY (TOP MOUND)
39-26-9076 MOLEX-39-26-9076 Datasheet
71Kb / 1P
   2.0 BOARD TO BOARD CONN, WAFER ASSY
51022-0900 MOLEX11-51022-0900 Datasheet
104Kb / 2P
   1.25 BOARD IN CONN. HOUSING
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
Amphenol Communications...
10075388 AMPHENOLCS-10075388 Datasheet
1Mb / 4P
   ra header board conn. metral hdxs board connector
Rev:H
logo
Molex Electronics Ltd.
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
   0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
52365-1091 MOLEX11-52365-1091 Datasheet
255Kb / 3P
   1.0 BOARD TO BOARD CONN. REC. HSG. ASSY SMT
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
logo
Weidmuller
0511272005 WEIDMULLER-0511272005 Datasheet
61Kb / 1P
   1.25 DUAL WIRE TO BOARD CONN. HOUSING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com