Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

775441-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 775441-5
Description  EMIX CONN. 1.5mm PITCH RCPT, HOUSING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

775441-5 Datasheet(HTML) 1 Page - Tyco Electronics

  775441-5 Datasheet HTML 1Page - Tyco Electronics 775441-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 775441-5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
775 MIMIX-775 Datasheet
169Kb / 1P
   Units operate over the full 5.9-6.4 GHz frequency range
logo
List of Unclassifed Man...
775 ETC2-775 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Finisar Corporation.
775-1237-ND FINISAR-775-1237-ND Datasheet
344Kb / 7P
   100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
ITT Industries
775001000 ITT-775001000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
775002000 ITT-775002000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 775441-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0987881108 MOLEX11-0987881108 Datasheet
369Kb / 3P
   1.5mm (.059") Pitch NSCC, Wire-to-Wire, Rcpt Housing, Brown,10 Circuits
430250808 MOLEX11-430250808 Datasheet
434Kb / 10P
   CONN RCPT HSG 8POS 3.00MM
2017/10/27
logo
JST Mfg. Co., Ltd.
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
   CONN QC RCPT 20-26AWG 0.187
logo
Molex Electronics Ltd.
SD-98816-005 MOLEX-SD-98816-005 Datasheet
638Kb / 2P
   UCCA RCPT CONN UNSEALED 1.5 10CKT
Rev. E 2006/04/15
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
   CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
   CONN D-SUB RCPT 50POS PNL MNT
logo
Global Connector Techno...
USB4085-GF-A GCT-USB4085-GF-A Datasheet
212Kb / 3P
   CONN RCPT USB2.0 TYPE C 168POS
logo
Tyco Electronics
487937 MACOM-487937 Datasheet
79Kb / 1P
   HOUSING, RCPT, .050, FFC
4-487544-7 MACOM-4-487544-7 Datasheet
73Kb / 1P
   HOUSING, 050, RCPT, FFC
487938 MACOM-487938 Datasheet
75Kb / 1P
   HOUSING, RCPT, .050, FFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com