Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0-1103440-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 0-1103440-1
Description  Power4Net Hybrid Connector for Industrial Automation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1103440-1 Datasheet(HTML) 1 Page - Tyco Electronics

  0-1103440-1 Datasheet HTML 1Page - Tyco Electronics 0-1103440-1 Datasheet HTML 2Page - Tyco Electronics 0-1103440-1 Datasheet HTML 3Page - Tyco Electronics 0-1103440-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hybrid Connectivity
Power4Net Hybrid Connector
for Industrial Automation
TE Connectivity’s (TE) Power4Net hybrid connector with 8 power and 4 signal
contacts has been designed for machine automation applications that require a higher
performance data connection and power of up to 10 A. The connector provides highly
reliable connection technology and meets the demanding durability and quality
requirements of real-time Ethernet applications in industrial automation. Combining
power supply and signal into one single connector provides customers with greater
flexibility in machine architecture. With VARAN-bus standard compatibility, the
connector supports, for example, fast change over times of molds in molding machines,
and simplified cabling reduces installation time by up to 50%.


Similar Part No. - 0-1103440-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1103428-3 TEC-0-1103428-3 Datasheet
782Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1103430-3 TEC-0-1103430-3 Datasheet
782Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1103436-2 TEC-0-1103436-2 Datasheet
782Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1103440-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
   Industrial automation systems
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
HA-1351-24NL LITEON-HA-1351-24NL Datasheet
432Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com