Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


0-1393304-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 0-1393304-5
Description  Power Relay F7
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
4
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Plug-in Maxi ISO Relays
Power Relay F7 (Continued)
Product code structure
Typical product code
V23134
-J
0
052 -D642
Type
V23134 Power Relay F
Contact arrangement
J
1 form A, 1 NO
Cover
0
Standard
1
Bracket near terminal 30 ISO
Coil
052
12VDC
053
24VDC
056
24VDC (contact gap >0.8mm)
065
24VDC
Terminal/arrangement
D642 Plug-in/NO
Xnnn Customized (nnn: version number)
Product code
Arrangement Cover
Coil suppr.
Circuit1)
Coil Cont. material Terminals
Part number
V23134-J0052-D642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1393303-3
V23134-J0052-X429
Resistor 680Ω
NOR
1-1414147-0
V23134-J0052-X439
Diode (cathode 86)
NOD
1-1414286-0
V23134-J0052-X455
Resistor 470Ω
NOR
PCB
1-1414610-0
V23134-J0052-X511
NO
3-1415001-2
V23134-J0052-X461
Resistor 560Ω
NOR
Plug-in, QC3)
1-1414469-0
V23134-J0053-D642
NO
24VDC
Plug-in, QC
9-1393303-7
V23134-J0056-X4082)
Resistor 1200Ω
NOR
Plug-in, QC3)
0-1393304-5
V23134-J0065-X4974)
NO
PCB
3-1414937-3
V23134-J1052-D642
Bracket
12VDC
Plug-in, QC
0-1393304-9
V23134-J1052-X281
Resistor 560Ω
NOR
1-1393304-0
V23134-J1053-D642
NO
24VDC
1-1393304-1
1) See terminal assignment diagrams.
2) Special feature: contact gap >0.8mm.
3) Special feature: 14.5mm load terminals.
4) Packed in tray with 300 pcs. per unit.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl