Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1738601-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1738601-1
Description  Industrial Ethernet Products
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1738601-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1738601-1 Datasheet HTML 7Page - Tyco Electronics 1738601-1 Datasheet HTML 8Page - Tyco Electronics 1738601-1 Datasheet HTML 9Page - Tyco Electronics 1738601-1 Datasheet HTML 10Page - Tyco Electronics 1738601-1 Datasheet HTML 11Page - Tyco Electronics 1738601-1 Datasheet HTML 12Page - Tyco Electronics 1738601-1 Datasheet HTML 13Page - Tyco Electronics 1738601-1 Datasheet HTML 14Page - Tyco Electronics 1738601-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Industrial Ethernet Switches – TES Series (continued)
Industrial Ethernet Products
Catalog 1654253-2
Issued 9-2007
All specifications subject to change. Consult Tyco Electronics for latest specifications.
9
NEW PRODUCTS
Specific Features
TES-500(-E):
5-Port 10/100TX unmanaged
Industrial Ethernet Switch
1K MAC address table
512 Kbits memory buffer
Backplane (Switching Fabric)
1.0 Gbps
Specific Features
TES-800(-E):
8-Port 10/100TX unmanaged
Industrial Ethernet Switch
2K MAC address table
1 Mbits memory buffer
Backplane (Switching Fabric)
1.6 Gbps
Technical Standard
IEEE 802.3, 803.3u, 802.3x
10/100 Base TX
UL, cUL, CE, FCC
Center of
Mounting
Rail
135
106
58.2
62 ±3
13
15
9
Center of
Mounting
Rail
135
106
58.2
62 ±3
13
15
9


Similar Part No. - 1738601-1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173860 FESTO-173860 Datasheet
84Kb / 1P
   Air preparation unit
8/18/22
logo
TE Connectivity Ltd
173860-1 TEC-173860-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Weidmuller
1738600000 WEIDMULLER-1738600000 Datasheet
742Kb / 22P
   Cable glands
More results

Similar Description - 1738601-1

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS00 BITECH-HS00 Datasheet
405Kb / 3P
   Gigabit Ethernet Networking Products
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
NXP Semiconductors
RT1020 NXP-RT1020 Datasheet
2Mb / 97P
   Crossover processors for industrial products
Rev. 1, 04/2019
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
List of Unclassifed Man...
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com