Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5120658-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5120658-1
Description  High Speed Backplane Interconnect Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5120658-1 Datasheet(HTML) 4 Page - Tyco Electronics

  5120658-1 Datasheet HTML 1Page - Tyco Electronics 5120658-1 Datasheet HTML 2Page - Tyco Electronics 5120658-1 Datasheet HTML 3Page - Tyco Electronics 5120658-1 Datasheet HTML 4Page - Tyco Electronics 5120658-1 Datasheet HTML 5Page - Tyco Electronics 5120658-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.te.com/products/2Piece-High-Speed
High Speed Backplane Connectors
TE Connectivity
Z-PACK HM-Zd and Hm-Zd Plus Connectors
n
Up to 12.5 Gb/s performance
n
Density up to 16 differential pairs per cm (40 DP per inch), in 25.4 mm (1")
slot-pitch
n
Available in 2, 3 and 4 pairs/column, fitting 20.32 mm (0.8") slot-pitch for
2 and 3 pair version and 25.4 mm (1") slot-pitch for the 4 pair version
n
HM-Zd Plus provides enhanced signal integrity in a design backwards
compatible with standard HM-Zd
n
Advanced Differential Fabric (ADF) Connector specified in the PICMG 3.X
Advanced TCA specifications
n
See back panel for representative part numbers
n
Order catalog 1773095, "High Speed Backplane Connector"
n
Website: http://hmzd.te.com
Z-PACK HS3 Connectors
n
Up to 6.25 Gb/s performance
n
Density up to 40 high speed signal lines (20 DP) per cm board space, in
25.4 mm (1") slot-pitch
n
Available in 2 versions: six row and ten row, respectively fitting 20.32 mm
(0.8") and 25.40 mm (1") slot-pitches
n
High-speed connector designed for both single ended and differential
signals
n
See back panel for representative part numbers
n
Order catalog 1773095, "High Speed Backplane Connector"
n
Website: http://hs3.te.com
MuLTIGIG RT Connectors
n
Up to 6.25 Gb/s performance
n
Density available in 2 versions per tier: 0.8" and 1", respectively fitting
20.32 mm (0.8") and 25.4 mm (1") slot-pitches
n
Backplane connector system specified in VME standards: VXS (VITA 41) &
VPX (VITA 46)
n
Pinless backplane connector utilizes a PCB construction which allows the
connector system to have extreme flexibility. 100 Ohm differential, 50 Ohm
single ended, open pin field, and power wafers can be mixed within one
connector module.
n
See back panel for representative part numbers
n
Order catalog 1773095, "High Speed Backplane Connector"
n
Website: http://www.multigigrt.com


Similar Part No. - 5120658-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120603-1 MACOM-5120603-1 Datasheet
217Kb / 1P
   RECEPTACLE ASSY, 1.0mm FH(IEEE1386) CONNECTOR
5120603-1 MACOM-5120603-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
TE Connectivity Ltd
5120603-1 TEC-5120603-1 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
5120603-2 MACOM-5120603-2 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
TE Connectivity Ltd
5120603-2 TEC-5120603-2 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 5120658-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com