Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C65U Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NM24C65U
Description  64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C65U Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NM24C65U Datasheet HTML 1Page - Fairchild Semiconductor NM24C65U Datasheet HTML 2Page - Fairchild Semiconductor NM24C65U Datasheet HTML 3Page - Fairchild Semiconductor NM24C65U Datasheet HTML 4Page - Fairchild Semiconductor NM24C65U Datasheet HTML 5Page - Fairchild Semiconductor NM24C65U Datasheet HTML 6Page - Fairchild Semiconductor NM24C65U Datasheet HTML 7Page - Fairchild Semiconductor NM24C65U Datasheet HTML 8Page - Fairchild Semiconductor NM24C65U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
NM24C65U Rev. B.1
BACKGROUND INFORMATION (IIC Bus)
As mentioned, the IIC bus allows synchronous bidirectional commu-
nication between Transmitter/Receiver using the SCL (clock) and
SDA (Data I/O) lines. All communication must be started with a valid
START condition, concluded with a STOP condition and acknowl-
edged by the Receiver with an ACKNOWLEDGE condition.
In addition, since the IIC bus is designed to support other devices
such as RAM, EPROM, etc., the device type identifier string, or
slave address, must follow the START condition. For EEPROMs,
the first 4-bits of the slave address is '1010'. This is then followed
by the device selection bits A2, A1 and A0.The final bit in the slave
address determines the type of operation performed (READ/
WRITE). A "1" signifies a READ while a "0" signifies a WRITE. The
slave address is then followed by two bytes that define the word
address, which is then followed by the data byte.
The EEPROMs on the IIC bus may be configured in any manner
required, providing the total memory addressed does not exceed
4M bits in the Extended IIC protocol. EEPROM memory address-
ing is controlled by hardware configuring the A2, A1, and A0 pins
(Device Address pins) with pull-up or pull-down resistors. ALL
UNUSED PINS MUST BE GROUNDED (tied to V
SS).
Addressing an EEPROM memory location involves sending a
command string with the following information:
[DEVICE TYPE]-[DEVICE ADDRESS]-[PAGE BLOCK AD-
DRESS]-[BYTE ADDRESS]
Definitions
Word
8 bits (byte) of data
Page
32 sequential addresses (one byte each) that
may be programmed during a "Page Write"
programming cycle.
Master
Any IIC device CONTROLLING the transfer
of data (such as a microcontroller).
Slave
Device being controlled (EEPROMS are
always considered Slaves).
Transmitter
Device currently SENDING data on the bus
(may be either a Master or Slave).
Receiver
Device currently RECEIVING data on the bus
(Master or Slave).
Pin Description
SERIAL CLOCK (SCL)
The SCL input is used to clock all data into and out of the device.
SERIAL DATA (SDA)
SDA is a biderectional pin used to transfer data into and out of the
device. It is an open drain output and may be wire-ORed with any
number of open drain or open collector outputs.
Device Address Inputs (A0, A1, A2)
Device address pins A0, A1, and A2 are connected to V
CC or VSS to
configure the EEPROM address for multiple device configuration. A
total of eight different devices can be attached to the same SDA bus.
Write Protection (WP)
If WP is tied to V
CC, program WRITE operations onto the upper half
of the memory will not be executed. READ operations are always
available.
If WP is tied to VSS, normal memory operation is enabled, READ/
WRITE over the entire bit memory array.
This feature allows the user to assign the upper half of the memory
as ROM which can be protected against accidental programming
writes. When WRITE is disabled, slave address and word address
will be acknowledged but data will not be acknowledged.
Device Operation
The NM24C65Uxxx supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the bus as a
transmitter and the receiving devices as the receiver. The device
controlling the transfer is the master and the device that is controlled
is the slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations. There-
fore, the NM24C65Uxxx is considered a slave in all applications.
CLOCK AND DATA CONVENTIONS
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH and reserved for indicating
start and stop conditions.
Refer to Figures 2 and 3.
START CONDITION
All commands are preceded by the start condition, which is a HIGH to
LOW transition of SDA when SCL is HIGH. The NM24C65Uxxx
continuouslymonitorstheSDAandSCLlinesforthestartconditionand
will not respond to any command until this condition has been met.
STOP CONDITION
All communications are terminated by a stop condition, which is a
LOW to HIGH transition of SDA when SCL is HIGH. The stop
condition is also used by the NM24C65Uxxx to place the device
in the standby power mode.
;;
SCL
SDA
IN
SDA
OUT
tF
tLOW
tHIGH
tR
tLOW
tAA
tDH
tBUF
tSU:STA
tHD:DAT
tHD:STA
tSU:DAT
tSU:STO
DS800012-3
Bus Timing


Similar Part No. - NM24C65U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results

Similar Description - NM24C65U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com