Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NM24C65 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. NM24C65
Description  64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 2 page
background image
2
www.fairchildsemi.com
NM24C65 Rev. C.3
Connection Diagram
Dual-In-Line Package (N)
and 8-Pin SO Package (M8)
Top View
See Package Number N08E and M08A
Pin Names
A0, A1, A2
Device Address Input
V
SS
Ground
SDA
Data I/O
SCL
Clock Input
WP
Write Protect
VCC
Power Supply
Ordering Information
NM
24
C
XX
F
LZ
E
XX
Letter
Description
Package
N
8-pin DIP
M8
8-pin SO8
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 4.5V
LZ
2.7V to 4.5V and
<1
µA Standby Current
SCL Clock Frequency
Blank
100KHz
F
400KHz
Density
65
64K with Write Protect
C
CMOS
Interface
24
IIC
NM
Fairchild Non-Volatile
Memory
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NM24C65
DS500042-2




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM24C256256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM34W02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM34W022K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM93CS06L256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage 2.7V to 5.5V and Data Protect MICROWIRE-TM Bus Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
FM24C6464K-Bit Standard 2-Wire Bus Interface Serial EEPROM 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl