Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-104074-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
28
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board (Continued)
Single Row, Vertical
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder posts, with entire contact
underplated .00050 [0.00127] nickel
Related Product Data
Performance Characteristics —
page 63
Mateable Connectors — pages 38,
49 & 50
Board-to-Board Spacing — page 63
PC Board Hole Layout — page 41
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25031
Part Numbers
No. of
Dimension
Post Length
Pos.
A
.100 [2.54]
.145 [3.68]
4
.330 [8.38]
5-104071-7
5
.380 [9.65]
5-104071-2
6
.430 [10.92]
5-104071-8
8
.530 [13.46]
6-104071-0
10
.630 [16.00]
5-104071-1
12
.730 [18.54]
6-104071-1
5-104804-3
13
.780 [19.81]
6-104071-2
15
.880 [22.35]
5-104071-3
5-104804-2
17
.980 [24.89]
6-104071-3
20
1.130 [28.70]
5-104071-4
22
1.230 [31.24]
6-104071-4
25
1.380 [35.05]
5-104071-5
30
1.630 [41.40]
5-104071-6
36
1.930 [49.02]
6-104071-6
40
2.130 [54.10]
6-104071-7
50
2.630 [66.80]
6-104071-9
*Circuit identification feature omitted on 4, 5, and 6 position headers.
.060 [1.52]
2 Plc.
Circuit Identification
Feature*
Post Length
(See chart
below)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl