Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-104074-0 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 24Page - Tyco Electronics 7-104074-0 Datasheet HTML 25Page - Tyco Electronics 7-104074-0 Datasheet HTML 26Page - Tyco Electronics 7-104074-0 Datasheet HTML 27Page - Tyco Electronics 7-104074-0 Datasheet HTML 28Page - Tyco Electronics 7-104074-0 Datasheet HTML 29Page - Tyco Electronics 7-104074-0 Datasheet HTML 30Page - Tyco Electronics 7-104074-0 Datasheet HTML 31Page - Tyco Electronics 7-104074-0 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
52
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Double Row Receptacle Housings, .050 x .100 [1.27 x 2.54] Centerline,
Cable-to-Board (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Latch Style Housing (Shown)
AMPMODU System 50 Header,
Shrouded (Right-Angle Post
shown for ref. only.)
AMPMODU System 50 Header, Unshrouded
(Straight Post shown for ref. only.)
Post Removed
Plain Housing,
Stacked End-to-End
(See Notes 1 & 2 below.)
Typical Cable-to-Board Application
of Plain Receptacle Housing
Typical Cable-to-Board Application
of Latch Style Receptacle Housing
Notes: 1. Plain housings are end-to-end stackable on either straight or
right-angle posted, unshrouded AMPMODU System 50 headers.
Notes: 2. For end-to-end stacking, the two posts located between the adjoining
housings must be removed to provide housing end clearance.
No. of
Dimensions
Plain Housing
Latch Style Housing
Pos.
AB
Part Numbers
Part Numbers
8
.150 [3.81]
.247 [6.27]
487938-8
487937-8
10
.200 [5.08]
.297 [7.54]
1-487938-0
1-487937-0
12
.250 [6.35]
.374 [8.81]
1-487938-2
1-487937-2
14
.300 [7.62]
.397 [10.08]
1-487938-4
1-487937-4
16
.350 [.889]
.447 [11.35]
1-487938-6
1-487937-6
20
.450 [11.43]
.547 [13.89]
2-487938-0
2-487937-0
24
.550 [13.97]
.647 [16.43]
2-487938-4
2-487937-4
26
.600 [15.24]
.697 [17.7]
2-487938-6
2-487937-6
30
.700 [17.78]
.797 [20.24]
3-487938-0
3-487937-0
34
.800 [20.32]
.897 [22.78]
3-487938-4
3-487937-4
40
.950 [24.13]
1.047 [26.59]
4-487938-0
4-487937-0
44
1.050 [26.67]
1.147 [29.13]
4-487938-4
4-487937-4
50
1.200 [30.48]
1.297 [39.94]
5-487938-0
5-487937-0
60
1.450 [36.83]
1.547 [39.29]
6-487937-0
72
1.750 [44.45]
1.847 [46.91]
7-487938-2
7-487937-2
80
1.950 [49.53]
2.047 [51.99]
8-487938-0
8-487937-0
100
2.450 [62.23]
2.547 [64.69]
487938-1
487937-1
Note: Other sizes of receptacle housings, up to 120 positions, can be made available, consult Tyco Electronics.


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com