Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP33A Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP33A
Description  NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP33A Datasheet(HTML) 4 Page - ON Semiconductor

  TIP33A Datasheet HTML 1Page - ON Semiconductor TIP33A Datasheet HTML 2Page - ON Semiconductor TIP33A Datasheet HTML 3Page - ON Semiconductor TIP33A Datasheet HTML 4Page - ON Semiconductor TIP33A Datasheet HTML 5Page - ON Semiconductor TIP33A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP33A, TIP33C
http://onsemi.com
4
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.1
1.0
5.0
10
10
20
100
500
200
50
NPN
PNP
VCE = 4.0 V
TJ = 25°C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
20
1.0
50
100
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
1.0
0.1
2.0
SECONDARY BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMIT
1.0ms
dc
300
ms
5.0
3.0
15
10
10ms
0.2
0.5
2.0
3.0
5.0 7.0
30
70
TC = 25°C
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
60
0
80
100
Figure 3. Maximum Rated Forward Bias
Safe Operating Area
0
10
15
20
5.0
20
40
L = 200
mH
IC/IB ≥ 5.0
VBE(off) = 0 to 5.0 V
TC = 100°C
TIP33A
TIP33C
FORWARD BIAS
The Forward Bias Safe Operating Area represents the
voltage and current conditions these devices can withstand
during forward bias. The data is based on TC = 25_C; TJ(pk)
is variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10%, and must be
derated thermally for TC > 25_C.
REVERSE BIAS
The Reverse Bias Safe Operating Area represents the
voltage and current conditions these devices can withstand
during reverse biased turn−off. This rating is verified under
clamped conditions so the device is never subjected to an
avalanche mode.


Similar Part No. - TIP33A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIP33A POINN-TIP33A Datasheet
91Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33A TI-TIP33A Datasheet
584Kb / 6P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP33A SAVANTIC-TIP33A Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP33A ISC-TIP33A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
TIP33A CDIL-TIP33A Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
More results

Similar Description - TIP33A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
   Designed for general purpose power and switching
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
   The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
   The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
   Silicon NPN RF Power Transistor Designed for power amplifier
logo
E-Tech Electronics LTD
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
   The GSA1625 is designed for general purpose amplifier and high speed switching applications.
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
   The G2N3904 is designed for general purpose switching and amplifier applications.
G1270 ETL-G1270 Datasheet
171Kb / 2P
   The G1270 is designed for general purpose switching and amplifier applications
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com