Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79L15ACD Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC79L15ACD
Description  100 mA Negative Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L15ACD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC79L15ACD Datasheet HTML 3Page - ON Semiconductor MC79L15ACD Datasheet HTML 4Page - ON Semiconductor MC79L15ACD Datasheet HTML 5Page - ON Semiconductor MC79L15ACD Datasheet HTML 6Page - ON Semiconductor MC79L15ACD Datasheet HTML 7Page - ON Semiconductor MC79L15ACD Datasheet HTML 8Page - ON Semiconductor MC79L15ACD Datasheet HTML 9Page - ON Semiconductor MC79L15ACD Datasheet HTML 10Page - ON Semiconductor MC79L15ACD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC79L00A Series
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Voltage
Operating Temperature
Range
Package
Shipping
MC79L12ACD
−12 V
TJ = 0° to +125°C
SOIC−8
98 Units / Rail
MC79L12ACDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC79L12ACDR2
SOIC−8
2500 / Tape & Reel
MC79L12ACDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC79L12ACP
TO−92
2000 Units / Bag
MC79L12ACPG
TO−92
(Pb−Free)
2000 Units / Bag
MC79L12ACPRA
TO−92
2000 / Tape & Reel
MC79L12ACPRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MC79L12ACPRP
TO−92
2000 / Tape & Ammo Box
MC79L12ACPRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
MC79L15ABD
−15 V
TJ = −40° to +125°C
SOIC−8
98 Units / Rail
MC79L15ABDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC79L15ABDR2
SOIC−8
2500 / Tape & Reel
MC79L15ABDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC79L15ABP
TO−92
2000 Units / Bag
MC79L15ABPG
TO−92
(Pb−Free)
2000 Units / Bag
MC79L15ABPRP
TO−92
2000 / Tape & Ammo Box
MC79L15ABPRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
MC79L15ACD
TJ = 0° to +125°C
SOIC−8
98 Units / Rail
MC79L15ACDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC79L15ACDR2
SOIC−8
2500 / Tape & Reel
MC79L15ACDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC79L15ACP
TO−92
2000 Units / Bag
MC79L15ACPG
TO−92
(Pb−Free)
2000 Units / Bag
MC79L15ACPRA
TO−92
2000 / Tape & Reel
MC79L15ACPRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MC79L15ACPRE
TO−92
2000 / Tape & Reel
MC79L15ACPREG
TO−92
(Pb−Free)
2000 / Tape & Reel
MC79L15ACPRP
TO−92
2000 / Tape & Ammo Box
MC79L15ACPRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC79L15ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L15ACD MOTOROLA-MC79L15ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L15ACD ONSEMI-MC79L15ACD Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Texas Instruments
MC79L15ACD TI-MC79L15ACD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Similar Description - MC79L15ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com