Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTSB20U100CT-1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTSB20U100CT-1G
Description  Very Low Forward Voltage Trench-based Schottky
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSB20U100CT-1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTSB20U100CT-1G Datasheet HTML 1Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 2Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 3Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 4Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 5Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 6Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 7Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTST20U100CT, NTSB20U100CT−1G, NTSJ20U100CTG, NTSB20U100CTG
http://onsemi.com
4
TYPICAL CHARACTERISITICS
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, PULSE TIME (sec)
Figure 7. Typical Transient Thermal Response for NTST20U100CT and NTSB20U100CT−1G
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, Pulse Time (sec)
Figure 8. Typical Transient Thermal Response, Junction−to−Case for NTSJ20U100CTG
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 9. Typical Transient Thermal Response for NTSB20U100CTG
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10%
5%
2%
20%
1%
50% Duty Cycle
Single Pulse
t, Pulse Time (sec)


Similar Part No. - NTSB20U100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 5
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
NTSB20100CTG ONSEMI-NTSB20100CTG Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTSB20100CTG ONSEMI-NTSB20100CTG Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 5
More results

Similar Description - NTSB20U100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST20100CT ONSEMI-NTST20100CT Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com