Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-6 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 6-104068-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-6 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 6-104068-6 Datasheet HTML 44Page - Tyco Electronics 6-104068-6 Datasheet HTML 45Page - Tyco Electronics 6-104068-6 Datasheet HTML 46Page - Tyco Electronics 6-104068-6 Datasheet HTML 47Page - Tyco Electronics 6-104068-6 Datasheet HTML 48Page - Tyco Electronics 6-104068-6 Datasheet HTML 49Page - Tyco Electronics 6-104068-6 Datasheet HTML 50Page - Tyco Electronics 6-104068-6 Datasheet HTML 51Page - Tyco Electronics 6-104068-6 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
48
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Novo Connectors
Product Facts
I
.100 x .100 [2.54 x 2.54]
mating grid for .050 [1.27]
pitch ribbon cable
I
Tuning fork contact offers a
military approved design, at
an economical cost
I
Polarization options include
military, center and military,
and dual bar
I
Choice of duplex gold plating
on contact mating area
I
Insulation displacement
contacts for fast, economical
mass terminations
I
Contact design provides
uniform latching of contacts
and housing with connector
cover
I
Housing, cover and strain
relief made of UL 94V-0
rated thermoplastic material
I
Selected 10 thru 64-position
configurations available
I
Accepts wire size range
28-26 AWG [0.08-0.15 mm2],
solid or stranded
I
Snap-on strain relief and
choice of pull loops
available
I
One-step termination with
Novo tooling
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R
Novo receptacles offer a
dual contact interface with
all normal force created by
metal-to-metal contact. This
provides a higher degree of
contact reliability.
Novo receptacles feature
two rows of contacts on
.100 x .100 [2.54 x 2.54]
centerlines in select sizes
from 10 to 64 positions.
Contacts mate with .0252
[0.642] or round posts with
.245 [6.22] max. and .175
[4.45] min. lengths. The
Novo tuning fork contact
offers a military-approved
design, and at a lower cost.
Contacts are made of
phosphor bronze and
are available in a choice
of duplex .000015 [0.00038]
or .000030 [0.00076] gold
in the mating area, and
.000100 [0.00254] tin in the
termination area, with the
entire contact underplated
with .000050 [0.00127]
nickel.
Housings are made of
UL 94V-0 thermoplastic
material and feature military,
military and center, and
dual bar polarization.
Optional accessories
include a snap-on strain
relief and pull loops.
Novo receptacles can be
terminated to .050 [1.27]
pitch ribbon cable by a
wide variety of one-step
application tooling.
Assemblies are packaged
in tubes for ease of handling,
protection and termination.


Similar Part No. - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com