Electronic Components Datasheet Search |
|
6-104068-6 Datasheet(PDF) 45 Page - Tyco Electronics |
|
6-104068-6 Datasheet(HTML) 45 Page - Tyco Electronics |
45 / 100 page 45 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions PageHead_12_HelvCdBd (Continued) Universal I/O Pin Connectors without Mounting Ears Material and Finish Housing and Cover — Flame retardant UL 94V-0 rated thermoplastic, black Contacts — Phosphor bronze, .000100 [0.00254] min. tin on termination end, .000030 [0.00762] min. gold on mating end, both over .000050 [0.00127] min. nickel Technical Documents Product Specification 108-1336 Application Specification 114-7011 Instruction Sheets 408-9720 408-6939 I Recognized under the Component Program of the Underwriters Laboratories, Inc. UL File No. E28476 I Certified by the Canadian Standards Association, File No. LR 7189 Accessories Strain Relief — page 67 Ejector Latch — page 63 Military Polarizer — page 63 Terminates 26 and 28 AWG solid or stranded ribbon cable. See Application Specification for cable requirements. Related Product Data Mateable Receptacles Novo — pages 48-51 Female Socket Connectors — pages 52-55 R R Without Latches With Latches B A 0.754±.015 [19.15±0.36] Pin Length .240 [6.10] .330 [8.38] Pins On Centerlines .100 [2.54] Position No.1 Indicator No. of Dimensions Part Numbers of Connectors with: Positions AB No Latches Short Latches1 Long Latches2 103,4 .992 1.072 1-111446-4 1-111492-5 1-111504-4 25.20 27.23 143,4 1.192 1.272 1-111446-5 1-111492-6 1-111504-5 30.28 32.31 16 1.292 1.372 1-111446-6 1-111492-7 1-111504-6 32.82 34.85 20 1.492 1.572 1-111446-8 — 1-111504-7 37.90 39.93 24 1.692 1.772 1-111446-9 1-111492-9 1-111504-8 42.98 45.01 26 1.792 1.872 2-111446-0 2-111492-0 — 45.52 47.55 30 1.992 2.072 2-111446-1 2-111492-1 2-111504-0 50.60 52.63 34 2.192 2.272 2-111446-2 2-111492-2 — 55.68 57.71 40 2.492 2.572 2-111446-3 2-111492-3 — 63.30 65.33 44 2.692 2.772 2-111446-4 2-111492-4 2-111504-3 68.38 70.41 50 2.992 3.072 1-111446-7 2-111492-5 — 76.00 78.03 60 3.492 3.572 2-111446-5 2-111492-6 — 88.70 90.73 64 3.692 3.772 2-111446-6 — 2-111504-6 93.78 95.81 1 Use short latch versions when mating connectors without strain reliefs are used. 2 Use long latch versions when mating connectors with strain reliefs are used. 3 No slot on end with position No. 1 indicator for 10 and 14-position connectors. 4 No slot for snap-in polarizer on end with position No. 1 indicator for 10 and 14-position connectors. Note: All part numbers are RoHS compliant. |
Similar Part No. - 6-104068-6 |
|
Similar Description - 6-104068-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |