Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104068-6 Datasheet(PDF) 94 Page - Tyco Electronics

Part # 6-104068-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-6 Datasheet(HTML) 94 Page - Tyco Electronics

Back Button 6-104068-6 Datasheet HTML 90Page - Tyco Electronics 6-104068-6 Datasheet HTML 91Page - Tyco Electronics 6-104068-6 Datasheet HTML 92Page - Tyco Electronics 6-104068-6 Datasheet HTML 93Page - Tyco Electronics 6-104068-6 Datasheet HTML 94Page - Tyco Electronics 6-104068-6 Datasheet HTML 95Page - Tyco Electronics 6-104068-6 Datasheet HTML 96Page - Tyco Electronics 6-104068-6 Datasheet HTML 97Page - Tyco Electronics 6-104068-6 Datasheet HTML 98Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
94
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Universal Ejection Style Pin Headers with PCT Housing, .100 x .100
[2.54 x 2.54] Centerlines, .025 [0.64] Sq. Posts (Mating End)
Vertical PCB Mount
Right-Angle PCB Mount
Material and Finish
Housing — Red PCT, UL 94V-0 rated
Contacts — Brass; Gold flash over pal-
ladium-nickel plate, .000030 [0.00076]
min. total on the mating surfaces,
.000100 [0.00254] min. tin plate on the
soldertails, over .000050 [0.00127] min.
nickel underplate or .000030 [0.00076]
min. gold on the mating surfaces,
.000100 [0.00254] min. tin plate on
the soldertails, over .000050 [0.00127]
min. nickel underplate
Related Product Data
Mateable Receptacles —
pages 48-55
Accessories —
Snap-In Polarizer — page 63
Technical Documents
Product Specifications
108-40018 Pin Headers
Vertical
Right-Angle
.549
[13.94]
.200
[5.08]
.195
[4.95]
.050
[1.27]
.100
[2.54]
.100
[2.54]
.165
[4.19]
.315
[8.00]
.340
[8.64]
.289
[7.34]
.240
[6.10]
.110
[2.79]
.100
[2.54]
.100
[2.54]
.151
[3.84]
.129
[3.28]
.350
[8.89]
.150
[3.81]
.150
[3.81]
.096
[2.44]
.040
[1.02]
A
B
D
E
.025
[0.64]
.110
[2.79]
C
.549
[13.94]
.200
[5.08]
.040
[1.02]
.110
[2.79]
.195
[4.95]
.025
[0.64]
.050
[1.27]
.150
[3.81]
A
B
D
.100
[2.54]
.100
[2.54]
.100
[2.54]
.100
[2.54]
.165
[4.19]
.129
[3.28]
.289
[7.34]
.250
[6.35]
.250
[6.35]
.240
[6.10]
.110
[2.79]
.315
[8.00]
.340
[8.64]
.350
[8.89]
.150
[3.81]
E
Ø .025
[0.64]
Ø .025
[0.64]
C
Dia.
2 Plc.
Position No.1
Indicator
Position No.1
Indicator
Pin 1
Pin 2
Pin 1
Pin 2


Similar Part No. - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-6 MACOM-6-104068-6 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104068-6 MACOM-6-104068-6 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com