Electronic Components Datasheet Search |
|
6-104068-6 Datasheet(PDF) 70 Page - Tyco Electronics |
|
6-104068-6 Datasheet(HTML) 70 Page - Tyco Electronics |
70 / 100 page 70 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Ribbon Cable Assembly Machines (R-CAM) The R-CAM 4, pictured above, is the newest fully automatic Ribbon Cable Assembly Machine for producing and testing daisy-chained ribbon cable assemblies. Enhancements of this model include the capability to process pre- manufactured slit-and-twist cable and the ability to produce assemblies with up to 10 connectors. The R-CAM 2A, 3A, and 4 terminate 28 AWG [0.08 mm2], .050 [1.27] centerline cable to a variety of connectors. The R-CAM 4 will also terminate 30 AWG [0.05 mm2] .025 [0.64] cen- terline cable. All of the R-CAM models automatically perform an in-process electrical test of all circuits for opens and shorts. In addition, all mod- els automatically test the assembly for high-voltage breakdown up to 1,000 volts, depending on the machine and connector style. The purpose of this test is to detect gaps that may have been created dur- ing assembly that could eventually short out when in use. If an assembly fails any of these tests, the machine will shear the cable off at that point and automatically discard it into an alternate bin. These machines are pro- grammed and operated with an interactive touch- screen that allows operators to access manual, set-up, run, and edit modes through easy-to-follow menu-driven prompts. Self-diagnostics shut down the machine if a malfunction — such as misloaded connectors or incorrectly fed cable — is detected, pinpoint the malfunction, and identify it on the touchscreen. Models 2A and 3A are avail- able in 120 or 220 VAC, 8 A, Product Facts I Terminates 28 AWG [0.08 mm2] .050 [1.27] centerline and 30 AWG [0.05 mm2] .025 [0.64] centerline cable to a variety of connectors I Automatic in-process electrical testing — tests all circuits for opens, shorts and high-voltage breakdown (up to 1,000 volts for receptacles, 800 volts for card edge connectors and 300 volts for .025 [0.64] centerline connectors); rejects cable assemblies failing any of these tests I Operated by a user-friendly, interactive touchscreen — or a keyboard on the R-CAM 4 I Self-diagnostics shut down the machine when a malfunction occurs, pinpoint the malfunction, and identify it on the screen I Produced under a Quality Management System certified to ISO 9001 A copy of the certificate is available upon request. 50 or 60 Hz. Model 4 oper- ates at 120 or 220 VAC, 50- 60 Hz, single phase, 15A. The R-CAM 2A and 3A require a minimum air sup- ply of 80 psi [5.52 bar] at 8 scfm [0.0038m3/s]. The R-CAM 4 requires 80 psi [5.52 bar] at 12 scfm [0.0057 m3/s]. Need more information? For more information, specifically about tooling, call TE at the numbers listed below. IS O Ce rti fie d 90 01 |
Similar Part No. - 6-104068-6 |
|
Similar Description - 6-104068-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |