Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD5121NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJD5121NT1G
Description  Power MOSFET 60 V, 295 mA, Dual N?묬hannel with ESD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD5121NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTJD5121NT1G Datasheet HTML 1Page - ON Semiconductor NTJD5121NT1G Datasheet HTML 2Page - ON Semiconductor NTJD5121NT1G Datasheet HTML 3Page - ON Semiconductor NTJD5121NT1G Datasheet HTML 4Page - ON Semiconductor NTJD5121NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTJD5121N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
0
10
20
30
40
0
4
8
12
16
20
Figure 7. Capacitance Variation
DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Coss
Ciss
Crss
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
ID = 0.2 A
TJ = 25°C
VDD = 25 V
0.01
0.1
1
0.4
0.6
0.8
1
1.2
Figure 9. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
TJ = 85°C


Similar Part No. - NTJD5121NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD5121NT1G ONSEMI-NTJD5121NT1G Datasheet
82Kb / 5P
   Power MOSFET 60 V, 295 mA, Dual N-Channel with ESD Protection, SC-88
April, 2008 - Rev. 1
NTJD5121NT1G ONSEMI-NTJD5121NT1G Datasheet
75Kb / 6P
   Power MOSFET
July, 2015 ??Rev. 9
logo
VBsemi Electronics Co.,...
NTJD5121NT1G VBSEMI-NTJD5121NT1G Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTJD5121NT1G-001 ONSEMI-NTJD5121NT1G-001 Datasheet
71Kb / 5P
   Power MOSFET
February, 2015 ??Rev. 0
More results

Similar Description - NTJD5121NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD5121N ONSEMI-NTJD5121N Datasheet
82Kb / 5P
   Power MOSFET 60 V, 295 mA, Dual N-Channel with ESD Protection, SC-88
April, 2008 - Rev. 1
NTZD5110N ONSEMI-NTZD5110N Datasheet
110Kb / 5P
   60 V, 310 mA, Dual N?묬hannel with ESD Protection, SOT??63
April, 2007 ??Rev. 3
NTK3043N ONSEMI-NTK3043N Datasheet
60Kb / 5P
   Power MOSFET 20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
April, 2006 ??Rev. 3
NTK3134N ONSEMI-NTK3134N Datasheet
59Kb / 5P
   Power MOSFET 20 V, 890 mA, Single N?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
MMFT960T1 ONSEMI-MMFT960T1_06 Datasheet
64Kb / 4P
   Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
   20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTZD3154N ONSEMI-NTZD3154N Datasheet
139Kb / 5P
   Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1
NTMFS5C604NL ONSEMI-NTMFS5C604NL Datasheet
81Kb / 6P
   Power MOSFET 60 V, 276 A, Single N?묬hannel
June, 2014 ??Rev. 0
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com