Electronic Components Datasheet Search |
|
2-111196-4 Datasheet(PDF) 14 Page - Tyco Electronics |
|
2-111196-4 Datasheet(HTML) 14 Page - Tyco Electronics |
14 / 100 page 14 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ultra ATA Bus Connectors, .025 [0.64] Centerline Ribbon Cable (Continued) Ribbon Cable Interconnect Solutions Ground Bus Bar Max. Signal Contacts Contact Optional Center* Polarizer Bar Position 1 Position 1 Position 1 Cover Housing Pos. No. 1 Indicator .420 [10.67] .492 [12.50] Ref. .610 [15.49] .240 [6.10] 2.186 [55.52] 1.90 [48.26] .100 [2.54] .100 [2.54] “System” Board Connector “Slave” Connector “Master” or “Primary” Connector Configuration A “System” Board Connector “Slave” Connector “Master” or “Primary” Connector Configuration B Terminated View Color Coded Conductor No. 1 Pin 34 Conductor Cut per SFF-8049 Related Product Data Strain Relief — Part Number 499252- 1 Mateable Headers — page 15 Material & Finish Housing and Cover — Thermoplastic, UL 94 V-0 rated, color per table Contacts — Phosphor bronze, plated gold per table on mating end, .000050 [0.00127]min. tin in wire termination area, over .000050 [0.00127] min nickel on entire contact. Technical Documents Product Specification 108-1740 Application Specification 114-40056 See Application Specification for termination tooling. Accessories Strain Relief — page 68 Keying Plug — page 64 Pull Loops — page 66 Pull Tabs — page 63 Circuit 20 Molded Shut *Center & Military Polarized Military Polarized Connector Type 15µ" Gold Housing Cover 15µ" Gold Housing Cover Color Color Color Color “System” Board 1658619-2 Blue Black 1658618-2 Blue Black “Primary” or “Master” 1658619-1 Black Black 1658618-1 Black Black “Slave” 1658619-3 Gray Black 1658618-3 Gray Black Notes: 1. All connectors are “ODD GROUND” configuration, ie. all odd cable conductors are grounded. “EVEN GROUND” connectors are not available. See Customer Drawings for detailed electrical connection descriptions. 2. All part numbers are RoHS compliant. |
Similar Part No. - 2-111196-4 |
|
Similar Description - 2-111196-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |