Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14049B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14049B
Description  Hex Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14049B Datasheet HTML 1Page - ON Semiconductor MC14049B Datasheet HTML 2Page - ON Semiconductor MC14049B Datasheet HTML 3Page - ON Semiconductor MC14049B Datasheet HTML 4Page - ON Semiconductor MC14049B Datasheet HTML 5Page - ON Semiconductor MC14049B Datasheet HTML 6Page - ON Semiconductor MC14049B Datasheet HTML 7Page - ON Semiconductor MC14049B Datasheet HTML 8Page - ON Semiconductor MC14049B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC14049B, MC14050B
http://onsemi.com
4
AC SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = + 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise Time
tTLH = (0.7 ns/pF) CL + 65 ns
tTLH = (0.25 ns/pF) CL + 37.5 ns
tTLH = (0.2 ns/pF) CL + 30 ns
tTLH
5.0
10
15
100
50
40
160
80
60
ns
Output Fall Time
tTHL = (0.2 ns/pF) CL + 30 ns
tTHL = (0.06 ns/pF) CL + 17 ns
tTHL = (0.04 ns/pF) CL + 13 ns
tTHL
5.0
10
15
40
20
15
60
40
30
ns
Propagation Delay Time
tPLH = (0.33 ns/pF) CL + 63.5 ns
tPLH = (0.19 ns/pF) CL + 30.5 ns
tPLH = (0.06 ns/pF) CL + 27 ns
tPLH
5.0
10
15
80
40
30
140
80
60
ns
Propagation Delay Time
tPHL = (0.2 ns/pF) CL + 30 ns
tPHL = (0.1 ns/pF) CL + 15 ns
tPHL = (0.05 ns/pF) CL + 12.5 ns
tPHL
5.0
10
15
40
20
15
80
40
30
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Output Source Characteristics
Figure 2. Typical Output Sink Characteristics
MC14049B
MC14050B
MC14049B
MC14050B
VDD
VSS
VDD
VSS
1
8
1
8
IOL
IOH
VOH
VOL
VDS = VOH - VDD
VDD
VSS
1
8
IOL
VOL
VDD
VSS
1
8
IOH
VOH
VDD = VOL
-50
-40
-30
-20
-10
0
-10
-8.0
-6.0
-4.0
-2.0
0
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 5.0 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 15 Vdc
160
120
80
40
0
0
2.0
4.0
6.0
8.0
10
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 15 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 5.0 Vdc


Similar Part No. - MC14049B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14049B ONSEMI-MC14049B Datasheet
131Kb / 8P
   Hex Buffer
August, 2014 ??Rev. 9
MC14049B ONSEMI-MC14049B Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
MC14049BCP ONSEMI-MC14049BCP Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14049BCPG ONSEMI-MC14049BCPG Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
More results

Similar Description - MC14049B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com