Electronic Components Datasheet Search |
|
2-111196-1 Datasheet(PDF) 67 Page - Tyco Electronics |
|
2-111196-1 Datasheet(HTML) 67 Page - Tyco Electronics |
67 / 100 page 67 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Interconnect Solutions Accessories (Continued) A B C .330 [8.38] Typ. Strain Relief for Universal I/O Pin Connectors Without Mounting Ears Material and Finish Glass-filled polyester, black Related Product Data Universal I/O Pin Connectors — page 45 .098±.002 [2.49±0.05] 2 Plc. .313±.004 [7.95±0.10] Typ. No. of Dimensions Part Pos. AB C Number 10 .520 .766 .940 111547-1 13.21 19.46 23.88 14 .720 .966 1.140 111547-2 18.29 24.54 28.96 16 .820 1.066 1.240 111547-3 20.83 27.08 31.50 20 1.020 1.266 1.440 111547-4 25.91 32.16 36.58 24 1.220 1.466 1.640 111547-5 30.99 37.24 41.66 26 1.320 1.566 1.740 111547-6 33.53 39.78 44.20 30 1.520 1.766 1.940 111547-7 38.61 44.86 49.28 34 1.720 1.966 2.140 111547-8 43.69 49.94 54.36 40 2.020 2.266 2.440 111547-9 51.31 57.56 61.98 44 2.220 2.466 2.640 1-111547-0 56.39 62.64 67.06 50 2.520 2.766 2.940 1-111547-1 64.01 70.26 74.68 60 3.020 3.266 3.440 1-111547-2 76.71 82.96 87.38 64 3.220 3.466 3.640 1-111547-3 81.79 88.04 92.56 Dimension Part Number No. of Type TE Connectivity T&B Pos. A (Ref. Only) 6 .472 Standard 2-1437020-1 609-0631 11.99 10 .672 Heavy Duty 3-1437020-7 609-1031HD 17.07 Standard 3-1437020-5 609-1031 14 .872 Heavy Duty 5-1437020-1 609-1431HD 22.15 Standard 4-1437020-9 609-1431 16 .972 Heavy Duty 6-1437020-6 609-1631HD 24.69 Standard 6-1437020-4 609-1631 20 1.172 Heavy Duty 8-1437020-6 609-2031HD 29.77 Standard 8-1437020-4 609-2031 24 1.372 Standard 9-1437020-4 609-2431 34.85 26 1.472 Heavy Duty 1-1437021-2 609-2631HD 37.39 Standard 1-1437021-0 609-2631 34 1.872 Heavy Duty 3-1437021-2 609-3431HD 47.55 Standard 3-1437021-0 609-3431 40 2.172 Heavy Duty 5-1437021-5 609-4031HD 55.17 Standard 5-1437021-3 609-4031 50 2.672 Heavy Duty 8-1437021-1 609-5031HD 67.87 Standard 7-1437021-9 609-5031 64 3.372 Heavy Duty 1-1437022-3 609-6431HD 85.65 Note: Heavy duty part numbers are listed on TE customer drawing 3-1437020-7. Standard part numbers are listed on TE customer drawing 2-1437020-1. All part numbers are RoHS compliant. Strain Relief for 609 Series (Tulip Contact) Female Socket Connectors Material and Finish Glass-filled polyester, blue Related Product Data Female Socket Connectors — page 54 and 55 A .240 [6.10] .565 [14.35] A .240 [6.10] .570 [14.46] Standard Version Heavy Duty Version |
Similar Part No. - 2-111196-1 |
|
Similar Description - 2-111196-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |