Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8772 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8772
Description  Ultra Low Iq 350 mA LDO Regulator with Enable and
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8772 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8772 Datasheet HTML 1Page - ON Semiconductor NCV8772 Datasheet HTML 2Page - ON Semiconductor NCV8772 Datasheet HTML 3Page - ON Semiconductor NCV8772 Datasheet HTML 4Page - ON Semiconductor NCV8772 Datasheet HTML 5Page - ON Semiconductor NCV8772 Datasheet HTML 6Page - ON Semiconductor NCV8772 Datasheet HTML 7Page - ON Semiconductor NCV8772 Datasheet HTML 8Page - ON Semiconductor NCV8772 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCV8772
http://onsemi.com
4
RECOMMENDED OPERATING RANGE (Note 7)
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 8)
Vin
4.5
40
V
Junction Temperature
TJ
−40
150
°C
7. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
8. Minimum Vin = 4.5 V or (Vout + VDO), whichever is higher.
ELECTRICAL CHARACTERISTICS Vin = 13.2 V, VEN = 3 V, Cin = 0.1 mF, Cout = 1 mF, for typical values TJ = 25°C, for min/max
values TJ = −40°C to 150°C; unless otherwise noted. (Notes 9 and 10)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
REGULATOR OUTPUT
Output Voltage (Accuracy %)
3.3 V
5.0 V
TJ = 25 °C to 125 °C
Vin = 4.5 V to 16 V, Iout = 0.1 mA to 200 mA
Vin = 5.575 V to 16 V, Iout = 0.1 mA to 200 mA
Vout
3.2505
4.925
(−1.5 %)
3.3
5.0
3.3495
5.075
(+1.5%)
V
Output Voltage (Accuracy %)
3.3 V
5.0 V
Vin = 4.5 V to 40 V, Iout = 0.1 mA to 200 mA
Vin = 4.5 V to 16 V, Iout = 0.1 mA to 350 mA
Vin = 5.6 V to 40 V, Iout = 0.1 mA to 200 mA
Vin = 5.975 V to 16 V, Iout = 0.1 mA to 350 mA
Vout
3.234
3.234
4.9
4.9
(−2 %)
3.3
3.3
5.0
5.0
3.366
3.366
5.1
5.1
(+2%)
V
Output Voltage (Accuracy %)
3.3 V
5.0 V
TJ = −40°C to 125°C
Vin = 4.5 V to 28 V, Iout = 0 mA to 350 mA
Vin = 5.975 V to 28 V, Iout = 0 mA to 350 mA
Vout
3.234
4.9
(−2 %)
3.3
5.0
3.366
5.1
(+2%)
V
Line Regulation
3.3 V
5.0 V
Vin = 4.5 V to 28 V, Iout = 5 mA
Vin = 6 V to 28 V, Iout = 5 mA
Regline
−20
0
20
mV
Load Regulation
Iout = 0.1 mA to 350 mA
Regload
−35
10
35
mV
Dropout Voltage (Note 11)
5.0 V Iout = 200 mA
Iout = 350 mA
VDO
250
440
500
875
mV
Output Capacitor for Stability (Note 12) Iout = 0 mA to 350 mA
Cout
ESR
1
0.01
100
100
mF
W
DISABLE AND QUIESCENT CURRENTS
Disable Current
VEN = 0 V, TJ < 85°C
IDIS
1
mA
Quiescent Current (Iq = Iin − Iout)
Iout = 0.1 mA, TJ = 25°C
Iout = 0.1 mA to 350 mA, TJ ≤ 125°C
Iq
24
29
30
mA
CURRENT LIMIT PROTECTION
Current Limit
Vout = 0.96 x Vout_nom
ILIM
400
1100
mA
Short Circuit Current Limit
Vout = 0 V
ISC
400
1100
mA
REVERSE OUTPUT CURRENT PROTECTION
Reverse Output Current Protection
VEN = 0 V, Iout = −1 mA
Vout_rev
2
5.5
V
PSRR
Power Supply Ripple Rejection (Note 12) f = 100 Hz, 0.5 Vpp
PSRR
60
dB
9. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
10.Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
11. Measured when output voltage falls 100 mV below the regulated voltage at Vin = 13.2 V.
12.Values based on design and/or characterization.
13.See APPLICATION INFORMATION section for Reset Thresholds and Reset Delay Time Options


Similar Part No. - NCV8772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
More results

Similar Description - NCV8772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com