Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5351D Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5351D
Description  4 A Synchronous Buck Power MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5351D Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5351D Datasheet HTML 5Page - ON Semiconductor NCP5351D Datasheet HTML 6Page - ON Semiconductor NCP5351D Datasheet HTML 7Page - ON Semiconductor NCP5351D Datasheet HTML 8Page - ON Semiconductor NCP5351D Datasheet HTML 9Page - ON Semiconductor NCP5351D Datasheet HTML 10Page - ON Semiconductor NCP5351D Datasheet HTML 11Page - ON Semiconductor NCP5351D Datasheet HTML 12Page - ON Semiconductor NCP5351D Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP5351
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Conditions: BST − DRN = 5.0 V;
Room Temperature;
Oscilloscope referenced to VS (5.0 V).
Figure 5. Top Gate Sinking Current from 0.108 W
Figure 6. Top Gate Sinking
Conditions: VS = 5.0 V;
Room Temperature;
CO = 0 V.
Figure 7. Bottom Gate Sinking Current from 0.108 W
Figure 8. Bottom Gate Sinking
0 V
0 V
−5.0 V
−5.0 V
CO
TG
0 V
−5.0 V
Input
Pulse
50 ns
−3.5 V
0 V
−4.5 V
−0.5 V
DRN
BG
−3.5 V
−4.5 V
Input
Pulse
50 ns
VS
BST
PGND DRN
EN
CO
TG
BG
−5.0 V
R1
1.0 k
R2*
0.108 W
*Applied after power up and input.
C4
100 nF
C3
100 nF
C2
1.0 mF
C1
1.0 mF
COM
HOT
VS
PGND CO
EN
BST
TG
BG
−5.0 V
R1
1.0 k
R2*
0.108 W
*Applied after power up and input.
C1
1.0 mF
COM
HOT
DRN
R3
50
C2
1.0 mF


Similar Part No. - NCP5351D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351D ONSEMI-NCP5351D Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5351DR2 ONSEMI-NCP5351DR2 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
More results

Similar Description - NCP5351D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com