Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5351D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5351D
Description  4 A Synchronous Buck Power MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5351D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5351D Datasheet HTML 1Page - ON Semiconductor NCP5351D Datasheet HTML 2Page - ON Semiconductor NCP5351D Datasheet HTML 3Page - ON Semiconductor NCP5351D Datasheet HTML 4Page - ON Semiconductor NCP5351D Datasheet HTML 5Page - ON Semiconductor NCP5351D Datasheet HTML 6Page - ON Semiconductor NCP5351D Datasheet HTML 7Page - ON Semiconductor NCP5351D Datasheet HTML 8Page - ON Semiconductor NCP5351D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP5351
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0°C < TJ < 125°C; VS = 5.0 V; 4.0 V < VBST < 25 V; VEN = VS; unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
DC OPERATING SPECIFICATIONS
POWER SUPPLY
VS Quiescent Current, Operating
VCO = 0 V, 4.5 V; No output switching
1.0
mA
VBST Quiescent Current, Operat-
ing
VCO = 0 V, 4.5 V; No output switching
50
mA
Quiescent Current, Non−Operat-
ing
VEN = 0 V; VCO = 0 V, 4.5 V
25
mA
Undervoltage Lockout
Start Threshold
CO = 0 V
4.05
4.25
4.48
V
Hysteresis
CO = 0 V
275
mV
CO INPUT CHARACTERISTICS
High Threshold
2.0
V
Low Threshold
0.8
V
Input Bias Current
0 < VCO < VS
0
1.0
mA
EN INPUT CHARACTERISTICS
High Threshold
Both outputs respond to CO
2.0
V
Low Threshold
Both outputs are low, independent of CO
0.8
V
Input Bias Current
0 < VEN < VS
0
10
mA
THERMAL SHUTDOWN
Overtemperature Trip Point
170
°C
Hysteresis
30
°C
HIGH−SIDE DRIVER
Peak Output Current
4.0
A
Output Resistance (Sourcing)
Duty Cycle < 2.0%, Pulse Width < 100 ms, TJ = 125°C,
VBST − VDRN = 4.5 V, VTG = 4.0 V + VDRN
0.5
W
Output Resistance (Sinking)
Duty Cycle < 2.0%, Pulse Width < 100 ms,
TJ = 125°C, VBST − VDRN = 4.5 V, VTG = 0.5 V + VDRN
0.42
W
LOW−SIDE DRIVER
Peak Output Current
4.0
A
Output Resistance (Sourcing)
Duty Cycle < 2.0%, Pulse Width < 100 ms, TJ = 125°C,
VS = 4.5 V, VBG = 4.0 V
0.6
W
Output Resistance (Sinking)
Duty Cycle < 2.0%, Pulse Width < 100 ms, TJ = 125°C,
VS = 4.5 V, VBG = 0.5 V
0.42
W


Similar Part No. - NCP5351D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351D ONSEMI-NCP5351D Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5351DR2 ONSEMI-NCP5351DR2 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
More results

Similar Description - NCP5351D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com