Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2-111196-7 Datasheet(PDF) 8 Page - Tyco Electronics

Part No. 2-111196-7
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 8 page
background image
8
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Cable-to-Board Connectors, .025 [0.64] Centerline Ribbon Cable
Ribbon Cable Interconnect Solutions
The System 50 Ribbon
Cable connector is a
receptacle connector that
will terminate ribbon cable
on .025 [0.64] centerlines.
It is available in select sizes
from 10 to 100 positions
and will accommodate 30
AWG [0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
conductors with PVC cable
insulation.
The housing and cover
are of a high temperature
tolerant thermoplastic
(black) with a UL 94V-0
rating. A phosphor bronze
single mating beam contact
provides the interconnect
between the conductor and
the .015 [0.38] square posts
on the .050 x .100
[1.27 x 2.54] grid. The
contacts are plated with
30 gold duplex plating. The
latching feature is located
on the receptacle, not the
header, and saves board
space and eliminates future
problems of “latch height
compatibility.”
Product Facts
I
Preassembled housing and
cover
I
One-step termination
I
End and daisy chain
termination
I
Positive end latching of
connector to universal
header
I
Terminates 30 AWG
[0.05 mm2] solid or
stranded and 32 AWG
[0.03 mm2] stranded
.025 [0.64] centerline
ribbon cable with PVC
insulation
I
Connectors are RoHS
compliant
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl