Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-179554-3 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 3-179554-3
Description  D-3000 Series (Continued)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-179554-3 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 3-179554-3 Datasheet HTML 4Page - Tyco Electronics 3-179554-3 Datasheet HTML 5Page - Tyco Electronics 3-179554-3 Datasheet HTML 6Page - Tyco Electronics 3-179554-3 Datasheet HTML 7Page - Tyco Electronics 3-179554-3 Datasheet HTML 8Page - Tyco Electronics 3-179554-3 Datasheet HTML 9Page - Tyco Electronics 3-179554-3 Datasheet HTML 10Page - Tyco Electronics 3-179554-3 Datasheet HTML 11Page - Tyco Electronics 3-179554-3 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
63
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3200M — Modular Type
(Continued)
Keying
This product (D-3200M) is provided with keying to help prevent mismating of the connector halves. Keying is available in three types
–XX Type, YY Type and XY Type. (Shown below is the mating surface of Tab Header.) ZZ type and ZX type keying are also available for 6 pos.
Table of Mating Combinations
Row
B
Row
A
Key Rib
XX Type
Key Rib
YY Type
Key Rib
XY Type
ZZ Type
ZX Type
Keying Mark
Receptacle Housing
1 Row
3 Positions
(D-3200S)
2 Rows
6 Positions
X Type
Y Type
XX Type
YY Type
XY Type
Tab Housing
Board-mounting
Tab Header
1 Row,
(D-3200S)
Panel Type
Free-Hanging Type
1 Row,
(D-3200S)
Horizontal Type
Vertical Type
Free-Hanging
Type
Panel Type
2 Rows
Vertical Type
Horizontal Type
2 Rows
X Type
Panel Type
Free-Hanging
Type
Y Type
Panel Type
Free-Hanging
Type
XX Type
Panel Type
Free-Hanging
Type
YY Type
Panel Type
Free-Hanging
Type
XY Type
Panel Type
Free-Hanging
Type
The housing with asterisk (*) same as D-3200S Series.
*
*
*
*
*
X Type
Horizontal
Type
Vertical Type
Y Type
Horizontal
Type
Vertical Type
XX Type
Horizontal
Type
Vertical Type
YY Type
Horizontal
Type
Vertical Type
XY Type
Horizontal
Type
Vertical Type
Keying Mark
Keying Mark
Key Rib
Keying Mark
Key Rib
Keying Mark


Similar Part No. - 3-179554-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-179228-0 MACOM-3-179228-0 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-1 MACOM-3-179228-1 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-2 MACOM-3-179228-2 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-3 MACOM-3-179228-3 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-4 MACOM-3-179228-4 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
More results

Similar Description - 3-179554-3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4170 CENTRAL-2N4170 Datasheet
57Kb / 1P
   SCRs Continued)
logo
Xilinx, Inc
XC4VLX25-10FF668C XILINX-XC4VLX25-10FF668C Datasheet
1Mb / 58P
   Absolute Maximum Ratings (Continued)
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
   STRAIGHT MINIATURE POWER JACKS (continued)
logo
Tyco Electronics
51864-8 MACOM-51864-8 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
logo
Keysight Technologies
3000X KEYSIGHT-3000X Datasheet
2Mb / 30P
   InfiniiVision 3000 X-Series
logo
Advantech Co., Ltd.
UNO-3000 ADVANTECH-UNO-3000 Datasheet
194Kb / 1P
   UNO-3000 Series Accessories
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com