Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79L05ACPRPG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC79L05ACPRPG
Description  100 mA Negative Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L05ACPRPG Datasheet(HTML) 3 Page - ON Semiconductor

  MC79L05ACPRPG Datasheet HTML 1Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 2Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 3Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 4Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 5Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 6Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 7Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 8Page - ON Semiconductor MC79L05ACPRPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC79L00A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI = −19 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB),
0°C < TJ < +125°C (for MC79LXXAC)).
MC79L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−11.5
−12
−12.5
Vdc
Input Regulation (TJ = +25°C)
−14.5 Vdc ≥ VI ≥ −27 Vdc
−16 Vdc ≥ VI ≥ −27 Vdc
Regline
250
200
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA ≤ IO ≤ 40 mA
Regload
100
50
mV
Output Voltage
−14.5 Vdc ≥ VI ≥ −27 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = −19 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
−11.4
−11.4
−12.6
−12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
mA
Input Bias Current Change
−16 Vdc ≥ VI ≥ −27 Vdc
1.0 mA ≤ IO ≤ 40 mA
IIB
1.5
0.2
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
mV
Ripple Rejection (−15 ≤ VI ≤ −25 Vdc, f = 120 Hz, TJ = +25°C)
RR
37
42
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI−VO|
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = −23 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB),
0°C < TJ < +125°C (for MC79LXXAC)).
MC79L15AC, AB
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−14.4
−15
−15.6
Vdc
Input Regulation (TJ = +25°C)
−17.5 Vdc ≥ VI ≥ −30 Vdc
−20 Vdc ≥ VI ≥ −30 Vdc
Regline
300
250
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA ≤ IO ≤ 40 mA
Regload
150
75
mV
Output Voltage
−17.5 Vdc ≥ VI ≥ −Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = −23 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
−14.25
−14.25
−15.75
−15.75
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
mA
Input Bias Current Change
−20 Vdc ≥ VI ≥ −30 Vdc
1.0 mA ≤ IO ≤ 40 mA
DIIB
1.5
0.1
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
VN
90
mV
Ripple Rejection (−18.5 ≤ VI ≤ −28.5 Vdc, f = 120 Hz)
RR
34
39
dB
Dropout Voltage IO = 40 mA, TJ = +25°C
|VI−VO|
1.7
Vdc


Similar Part No. - MC79L05ACPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L05ACPRPG ONSEMI-MC79L05ACPRPG Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L05ACPRPG ONSEMI-MC79L05ACPRPG Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
More results

Similar Description - MC79L05ACPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com