Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-111196-5 Datasheet(PDF) 93 Page - Tyco Electronics

Part # 2-111196-5
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-5 Datasheet(HTML) 93 Page - Tyco Electronics

Back Button 2-111196-5 Datasheet HTML 89Page - Tyco Electronics 2-111196-5 Datasheet HTML 90Page - Tyco Electronics 2-111196-5 Datasheet HTML 91Page - Tyco Electronics 2-111196-5 Datasheet HTML 92Page - Tyco Electronics 2-111196-5 Datasheet HTML 93Page - Tyco Electronics 2-111196-5 Datasheet HTML 94Page - Tyco Electronics 2-111196-5 Datasheet HTML 95Page - Tyco Electronics 2-111196-5 Datasheet HTML 96Page - Tyco Electronics 2-111196-5 Datasheet HTML 97Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
93
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Universal Ejection Style Pinless Headers, Military, Center
and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines (Continued)
Installation of Press-Fit
Pinless Headers
Insertion Instructions:
1. Place pinless header
over preinstalled posts
so that post tips start into
header cavities.
2. With bottom of pc board
supported, place steel
block over header. Steel
block must be wider and
longer than header so
that it covers all four sides
of the header. However,
for headers with latches
pre-assembled, the steel
block must not interfere
with the latches.
3. Apply an even, centered
force on steel block until
header bottoms on pc
board. If posts are longer
than .545 [13.84], they
may be forced against
the steel block before the
header is fully seated. In
this situation, extreme
caution must be taken so
that posts are not dam-
aged or pushed out of
the pc board.
Insertion Force: 60 lb. [267 N] max.
Retention Force: 20 lb. [89 N] min.
TE recommends the use of a typical manual frame assembly for insertion of
pinless headers. The frame assembly and steel block are not supplied by TE.
Steel Block
(Centered over
Header)
.529
[13.44]
.025
[0.64]
Preinstalled in
PC Board
Sq. Posts
FORCE
PC Board
FORCE
Pinless Header


Similar Part No. - 2-111196-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-5 MACOM-2-111196-5 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-5 MACOM-2-111196-5 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-5 MACOM-2-111196-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com