Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5240ELT1T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ5240ELT1T3G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5240ELT1T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ5240ELT1T3G Datasheet HTML 1Page - ON Semiconductor MMBZ5240ELT1T3G Datasheet HTML 2Page - ON Semiconductor MMBZ5240ELT1T3G Datasheet HTML 3Page - ON Semiconductor MMBZ5240ELT1T3G Datasheet HTML 4Page - ON Semiconductor MMBZ5240ELT1T3G Datasheet HTML 5Page - ON Semiconductor MMBZ5240ELT1T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ52xxELT1G Series, SZMMBZ52xxELT1G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Device*
Device
Marking
Zener Voltage (Note 5)
Zener Impedance
Leakage Current
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5252ELT1G†
BH6
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMBZ5253ELT1/T3G
BH7
23.75
25
26.25
5
35
600
0.25
0.1
19
MMBZ5254ELT1/T3G
BH8
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMBZ5255ELT1/T3G
BH9
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMBZ5256ELT1/T3G
BJ1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMBZ5257ELT1/T3G
BJ2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMBZ5258ELT1/T3G
BJ3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMBZ5261ELT1G
BJ6
49.35
47
44.65
2.7
105
1000
0.25
0.1
36
MMBZ5262ELT1/T3G
BJ7
48.45
51
53.55
2.5
125
1100
0.25
0.1
37
MMBZ5263ELT1/T3G
BJ8
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMBZ5265ELT1G†
BK1
58.90
62
65.10
2
185
1400
0.25
0.1
47
5. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Includes SZ−prefix devices where applicable.
†MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.


Similar Part No. - MMBZ5240ELT1T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5240ELT1T3G ONSEMI-MMBZ5240ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5240ELT1T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com