Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1827570-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1827570-2
Description  AMP Dynamic Series Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1827570-2 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1827570-2 Datasheet HTML 3Page - Tyco Electronics 1827570-2 Datasheet HTML 4Page - Tyco Electronics 1827570-2 Datasheet HTML 5Page - Tyco Electronics 1827570-2 Datasheet HTML 6Page - Tyco Electronics 1827570-2 Datasheet HTML 7Page - Tyco Electronics 1827570-2 Datasheet HTML 8Page - Tyco Electronics 1827570-2 Datasheet HTML 9Page - Tyco Electronics 1827570-2 Datasheet HTML 10Page - Tyco Electronics 1827570-2 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-1000 Series (Continued)
AMP Dynamic Series Connectors
Crimp Type
Applicable Wire
Wire Ins.
Wire
Contact Part Numbers
Tool Numbers
Range
Diameter
Range
Style
Receptacle Contact
Tab Contact
Mini
Hand Tool1
AWG
mm2
mm
Mark
Gold Plating
Tin Plating
Gold Plating
Tin Plating
Applicator
(Dies Only)
30
0.05
Strip Form
1827569-2
1903111-2
1891033-2
0.6~1.2
S
Loose Piece
1827586-2
1903115-2
——
1762952-1
28
0.09
(1762953-1)
28
0.08
Strip Form
1827570-2
1871303-1
1903112-2
1903120-1
1891035-2
26
0.12
24
0.20
1.08~1.6
M
Loose Piece
1827587-2
1871743-1
1903116-2
1903124-1
1762846-1
22
0.38
(1762847-1)
28
0.08
Strip Form
1827571-2
1871304-1
1903113-2
1903121-1
1891036-2
26
0.12
24
0.20
1.08~1.9
L
Loose Piece
1827588-2
1871744-1
1903117-2
1903125-1
1762950-1
22
0.38
(1762951-1)
22
0.34
Strip Form
1827572-2
1871731-1
1903114-2
1903122-1
1891037-2
20
0.50
1.4~2.2
2L
Loose Piece
1827589-2
1871745-1
1903118-2
1903126-1
1762625-1
18
0.86
(1762626-1)
Notes: Minimum order quantity for tooling is one.
Tin plating: 2.0 µm.
Mini-Applicators are for use with automachines. (For more information, contact Technical Support at the numbers listed below.
Strip Form contacts are for use with Mini-Applicators (automachines) and Loose-Piece contacts are for Hand tools.
The contacts L and 2L do not fit into the D-1100 receptacle housing.
1
With handle.
Performance Characteristics
Series —
D-1100
D-1200
D-1500
Pitch —
2.0 mm
2.5 mm
3.5 mm
Voltage Rating —
125 VAC
250 VAC
250 VAC
Current Rating (Max.) —
Pos. :3A
Pos. :5A
Pos. :5A
(AWG 22 wire)
(AWG 18 wire)
(AWG 18 wire)
Contact Resistance —
20 m
Ω max.
20 m
Ω max.
20 m
Ω max.
Dielectric Withstanding
Voltage —
700 V
1100 V
1100 V
Temperature Range —
-55°C~+105°C
-55°C~+105°C
-55°C~+105°C
*When connectors are used singly.
Safety Specifications for D-1000 Series
Voltage
Current
Temperature
Rating
Rating
Rating
Tyco Electronics
125 VAC (2 mm)
3A (1 position)
Specifications
250 VAC (2.5 mm)
5A (1 position)
-55°C~+105°C
108-78268 —
250 VAC (3.5 mm)
UL File Number — E 28476
CSA Report Number — Pending Approval
TUV License Number — Pending Approval
Material and Finish
Receptacle Contact — Copper alloy,
0.38 µm gold plated over 1.27 µm
nickel underplate
Tab Contact — Copper alloy, 0.38 µm
gold plated over 1.27 µm nickel under-
plate
PCB Tab Post — Copper alloy, 0.38
µm gold plated over 1.27 µm nickel
underplate, Tab Post 2.0 µm tin plated
Housing — Glass-filled polyester
(PBT), UL94V-0
Specifications and
Instruction Sheets
Product Specifications
108-78268 (Gold plating)
108-78298 (Tin plating)
Application Specification
114-5377
Crimping Tool Instruction Sheets
411-78194 (Part Number 1762625-1)
411-78201 (Part Number 1762846-1)
411-78204 (Part Number 1762950-1)
411-78205 (Part Number 1762952-1)
D-1 Contact and
Performance Specifications


Similar Part No. - 1827570-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1827570 MACOM-1827570 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
logo
PHOENIX CONTACT
1827570 PHOENIX-1827570 Datasheet
143Kb / 5P
   PCV 4/ 2-G-7,62
1827570 PHOENIX-1827570 Datasheet
143Kb / 5P
   PCV 4/ 4-G-7,62
1827570 PHOENIX-1827570 Datasheet
144Kb / 5P
   PCV 4/ 3-G-7,62
1827570 PHOENIX-1827570 Datasheet
164Kb / 5P
   PC 4/ 3-G-7,62
More results

Similar Description - 1827570-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318117-3 MACOM-2-1318117-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com