Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C16 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NM24C16
Description  16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C16 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM24C16 Datasheet HTML 1Page - Fairchild Semiconductor NM24C16 Datasheet HTML 2Page - Fairchild Semiconductor NM24C16 Datasheet HTML 3Page - Fairchild Semiconductor NM24C16 Datasheet HTML 4Page - Fairchild Semiconductor NM24C16 Datasheet HTML 5Page - Fairchild Semiconductor NM24C16 Datasheet HTML 6Page - Fairchild Semiconductor NM24C16 Datasheet HTML 7Page - Fairchild Semiconductor NM24C16 Datasheet HTML 8Page - Fairchild Semiconductor NM24C16 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
NM24C16/17 Rev. G
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
6.5V to –0.3V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000V min.
Operating Conditions
Ambient Operating Temperature
NM24C16/17
0
°C to +70°C
NM24C16E/17E
-40
°C to +85°C
NM24C16V/17V
-40
°C to +125°C
Positive Power Supply
NM24C16/17
4.5V to 5.5V
NM24C16L/17L
2.7V to 5.5V
NM24C16LZ/17LZ
2.7V to 5.5V
DC Electrical Characteristics (2.7V to 5.5V)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 400 KHz
0.2
1.0
mA
fSCL = 100 KHz
I
SB
Standby Current
V
IN = GND
V
CC = 2.7V - 5.5V
10
50
µA
or V
CC
V
CC = 2.7V - 5.5V (L)
1
10
µA
VCC = 2.7V - 4.5V (LZ)
0.1
1
µA
I
LI
Input Leakage Current
V
IN = GND to VCC
0.1
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
0.1
1
µA
V
IL
Input Low Voltage
–0.3
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 3 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2)
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
CIN
Input Capacitance (A0, A1, A2, SCL)
VIN = 0V
6
pF
Note 1: Typical values are TA = 25°C and nominal supply voltage of 5V for 4.5V-5.5V operation and at 3V for 2.7V-4.5V operation.
Note 2: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM24C16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16UEM8 FAIRCHILD-NM24C16UEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16UEMT8 FAIRCHILD-NM24C16UEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16UEN FAIRCHILD-NM24C16UEN Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16UFEM8 FAIRCHILD-NM24C16UFEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24C16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com