Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLVVHC1GT125DT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLVVHC1GT125DT1G
Description  Noninverting Buffer CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLVVHC1GT125DT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NLVVHC1GT125DT1G Datasheet HTML 1Page - ON Semiconductor NLVVHC1GT125DT1G Datasheet HTML 2Page - ON Semiconductor NLVVHC1GT125DT1G Datasheet HTML 3Page - ON Semiconductor NLVVHC1GT125DT1G Datasheet HTML 4Page - ON Semiconductor NLVVHC1GT125DT1G Datasheet HTML 5Page - ON Semiconductor NLVVHC1GT125DT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 14
1
Publication Order Number:
MC74VHC1GT125/D
MC74VHC1GT125
Noninverting Buffer /
CMOS Logic Level Shifter
with LSTTL−Compatible Inputs
The MC74VHC1GT125 is a single gate noninverting buffer
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The MC74VHC1GT125 requires the 3−state control input (OE) to
be set High to place the output into the high impedance state.
The device input is compatible with TTL−type input thresholds and
the output has a full 5 V CMOS level output swing. The input protection
circuitry on this device allows overvoltage tolerance on the input,
allowing the device to be used as a logic−level translator from 3 V
CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to 3 V
CMOS Logic while operating at the high−voltage power supply.
The MC74VHC1GT125 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT125 to be used to interface 5 V circuits to
3 V circuits. The output structures also provide protection when
VCC = 0 V. These input and output structures help prevent device
destruction caused by supply voltage − input/output voltage mismatch,
battery backup, hot insertion, etc.
Features
High Speed: tPD = 3.5 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2 V
CMOS−Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 62; Equivalent Gates = 16
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Figure 1. Pinout (Top View)
IN A
OUT Y
VCC
OE
IN A
OUT Y
GND
OE
Figure 2. Logic Symbol
1
2
3
4
5
PIN ASSIGNMENT
1
2
3
GND
OE
IN A
4
5VCC
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
L
H
X
A Input
Y Output
L
H
Z
OE Input
L
L
H
http://onsemi.com
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
MARKING
DIAGRAMS
1
5
1
5
1
5
W1 M G
G
W1
= Device Code
M
= Date Code*
G
= Pb−Free Package
1
5
W1 M G
G
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.


Similar Part No. - NLVVHC1GT125DT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLVVHC1GT125DT1G ONSEMI-NLVVHC1GT125DT1G Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
NLVVHC1GT125DT1G ONSEMI-NLVVHC1GT125DT1G Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
NLVVHC1GT125DT1G ONSEMI-NLVVHC1GT125DT1G Datasheet
194Kb / 16P
   MC74VHC1GT125
November, 2018 ??Rev. 18
NLVVHC1GT125DT1G ONSEMI-NLVVHC1GT125DT1G Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
More results

Similar Description - NLVVHC1GT125DT1G

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com