Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74VHC1GT00DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # M74VHC1GT00DFT2G
Description  Single 2-Input NAND Gate CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT00DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  M74VHC1GT00DFT2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT00DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 12
1
Publication Order Number:
MC74VHC1GT00/D
MC74VHC1GT00
Single 2-Input NAND Gate/
CMOS Logic Level Shifter
LSTTL−Compatible Inputs
The MC74VHC1GT00 is a single gate 2−input NAND fabricated
with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL−type input thresholds and
the output has a full 5 V CMOS level output swing. The input
protection circuitry on this device allows overvoltage tolerance on the
input, allowing the device to be used as a logic−level translator from
3 V CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to
3 V CMOS Logic while operating at the high voltage power supply.
The MC74VHC1GT00 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT00 to be used to interface 5 V circuits to
3 V circuits. The output structures also provide protection
when VCC = 0 V. These input and output structures help prevent
device destruction caused by supply voltage − input/output voltage
mismatch, battery backup, hot insertion, etc.
Features
High Speed: tPD = 3.1 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2 V
CMOS−Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 64
These Devices are Pb−Free and are RoHS Compliant
VCC
IN B
IN A
OUT Y
GND
IN A
OUT Y
&
IN B
Figure 1. Pinout
Figure 2. Logic Symbol
1
2
3
4
5
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
TSOP−5 / SOT23−5 / SC59−5
DT SUFFIX
CASE 483
1
5
SC−88A / SC70−5 / SOT−353
DF SUFFIX
CASE 419A
1
5
http://onsemi.com
1
5
VH M G
G
VH
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
5
VH M G
G


Similar Part No. - M74VHC1GT00DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
205Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 22
M74VHC1GT00DFT2G ONSEMI-M74VHC1GT00DFT2G Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
More results

Similar Description - M74VHC1GT00DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
NL17SHT00 ONSEMI-NL17SHT00 Datasheet
103Kb / 5P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_14 Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
MC74VHC1GT00 ONSEMI-MC74VHC1GT00 Datasheet
188Kb / 8P
   2-Input NAND Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT00A RENESAS-HD74LV1GT00A_15 Datasheet
136Kb / 9P
   2?밿nput NAND Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T00 TI1-SN74LV1T00 Datasheet
868Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00_1809 TI1-SN74LV1T00_1809 Datasheet
2Mb / 33P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00 TI1-SN74LV1T00_18 Datasheet
2Mb / 30P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_15 Datasheet
84Kb / 6P
   Single 2-Input NOR Gate/ CMOS Logic Level Shifter
November, 2015 ??Rev. 12
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com