Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-178128-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1-178128-2
Description  D-3000 Series (Continued)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-178128-2 Datasheet(HTML) 5 Page - Tyco Electronics

  1-178128-2 Datasheet HTML 1Page - Tyco Electronics 1-178128-2 Datasheet HTML 2Page - Tyco Electronics 1-178128-2 Datasheet HTML 3Page - Tyco Electronics 1-178128-2 Datasheet HTML 4Page - Tyco Electronics 1-178128-2 Datasheet HTML 5Page - Tyco Electronics 1-178128-2 Datasheet HTML 6Page - Tyco Electronics 1-178128-2 Datasheet HTML 7Page - Tyco Electronics 1-178128-2 Datasheet HTML 8Page - Tyco Electronics 1-178128-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
60
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3200S SMT Type
Receptacle Housing and Board Mount Tab Header
Appearance
Dielectric Withstanding Voltage: 2,200 V (1 min.)
Voltage Rating: 600 V (when one connector is used)
Board-Mounting Tab Header
(Horizontal Type)
Receptacle Housing
Receptacle Contact··············For each line of contacts, refer to the appropriate page.
No. of Positions
2
3
4
5
6
X
X
X
X
X
1-178128-2
1-178128-3
1-178128-4
1-178128-5
1-178128-6
Keying
Part Number of
Receptacle Housing*
——
1-917389-J
——
——
——
Part Number of Board-Mount Tab Header
Horizontal Type
Note: Enter the following plating codes in Part Number suffix-J. Gold plating only for SMT Type.
-2 = 0.38µm thick gold plating,
-3 = 0.76µm thick gold plating
*Part Numbers are of the same design as D-3200S Series. For dimensions,
refer to D-3200S Series.
Header material is PPS.
Applications
Servomotors/Inverters-Typical Applications
D-3100SMT
Board-mount
horizontal type
D-3200SMT
Board-mount
horizontal type


Similar Part No. - 1-178128-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-178128-2 MACOM-1-178128-2 Datasheet
177Kb / 2P
   DYNAMIC D 3200, 5.08 PITCH
More results

Similar Description - 1-178128-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4170 CENTRAL-2N4170 Datasheet
57Kb / 1P
   SCRs Continued)
logo
Xilinx, Inc
XC4VLX25-10FF668C XILINX-XC4VLX25-10FF668C Datasheet
1Mb / 58P
   Absolute Maximum Ratings (Continued)
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
   STRAIGHT MINIATURE POWER JACKS (continued)
logo
Tyco Electronics
51864-8 MACOM-51864-8 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
logo
Keysight Technologies
3000X KEYSIGHT-3000X Datasheet
2Mb / 30P
   InfiniiVision 3000 X-Series
logo
Advantech Co., Ltd.
UNO-3000 ADVANTECH-UNO-3000 Datasheet
194Kb / 1P
   UNO-3000 Series Accessories
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com