Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHN93150 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHN93150
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHN93150 Datasheet(HTML) 4 Page - International Rectifier

  IRHN93150 Datasheet HTML 1Page - International Rectifier IRHN93150 Datasheet HTML 2Page - International Rectifier IRHN93150 Datasheet HTML 3Page - International Rectifier IRHN93150 Datasheet HTML 4Page - International Rectifier IRHN93150 Datasheet HTML 5Page - International Rectifier IRHN93150 Datasheet HTML 6Page - International Rectifier IRHN93150 Datasheet HTML 7Page - International Rectifier IRHN93150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHN9150, JANSR2N7422U
Pre-Irradiation
4
www.irf.com
Fig4. NormalizedOn-Resistance
Vs.Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig3. TypicalTransferCharacteristics
10
100
5
6
7
8
9
10

V
= -50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
10
100
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
10
100
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°


V
=
I =
GS
D
-12V
-22A
-


Similar Part No. - IRHN93150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN93250 IRF-IRHN93250 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results

Similar Description - IRHN93150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMK57160 IRF-IRHMK57160 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHNJ597034 IRF-IRHNJ597034 Datasheet
152Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHNJ67434 IRF-IRHNJ67434 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com